Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE347 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE347
Description  TNC Male to TNC Male Low Loss Test Cable Using PE-P142LL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE347 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE347 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE347 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE347 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE347 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
Body Plating Specification
SAE-AMS-2701
Dielectric Type
PEI
Connector 2
Type
TNC Male
Connector 2 Specification
MIL-STD-348, Figure 313-3
Configuration
Straight
Inner Conductor Material and Plating
Beryllium Copper, Gold
Inner Conductor Plating Specification
ASTM-B488, 50µ In. Minimum
Outer Conductor Material and Plating
Passivated Stainless Steel
Outer Conductor Plating Specification
SAE-AMS-2701
Coupling Nut Material and Plating
Passivated Stainless Steel
Coupling Nut Plating Specification
SAE-AMS-2701
Hex Size, Inch
9/16
Body Material and Plating
Passivated Stainless Steel
Body Plating Specification
SAE-AMS-2701
Dielectric Type
PEI
Temperature
Temperature Operating Range, deg C
-55 to +125
Diameter, in [mm]
0.625 [15.88]
.
Weight, lbs [g]
0.063 [28.58]
Repeated Minimum Bend Radius, in [mm]
1 [25.4]
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
REACH Compliant
07/19/2006
Plotted and Other Data
Notes:
Values at 25 °C, sea level
TNC Male to TNC Male Low Loss Test Cable Using PE-P142LL Coax, RoHS from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Male to TNC Male Low Loss Test Cable Using PE-P142LL Coax, RoHS PE347
URL: http://www.pasternack.com/tnc-male-tnc-male-pe-p142ll-cable-assembly-pe347-p.aspx
PE347 REV 1.2
PE347
TNC Male to TNC Male Low Loss Test Cable
Using PE-P142LL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com