Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C64-04/P Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16C64-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/P Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16C64-04/P Datasheet HTML 92Page - Microchip Technology PIC16C64-04/P Datasheet HTML 93Page - Microchip Technology PIC16C64-04/P Datasheet HTML 94Page - Microchip Technology PIC16C64-04/P Datasheet HTML 95Page - Microchip Technology PIC16C64-04/P Datasheet HTML 96Page - Microchip Technology PIC16C64-04/P Datasheet HTML 97Page - Microchip Technology PIC16C64-04/P Datasheet HTML 98Page - Microchip Technology PIC16C64-04/P Datasheet HTML 99Page - Microchip Technology PIC16C64-04/P Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 336 page
background image
PIC16C6X
DS30234D-page 96
© 1997 Microchip Technology Inc.
11.4.2
ADDRESSING I2C DEVICES
There are two address formats. The simplest is the
7-bit address format with a R/W bit (Figure 11-15). The
more complex is the 10-bit address with a R/W bit
(Figure 11-16). For 10-bit address format, two bytes
must be transmitted with the first five bits specifying this
to be a 10-bit address.
FIGURE 11-15: 7-BIT ADDRESS FORMAT
FIGURE 11-16: I2C 10-BIT ADDRESS FORMAT
11.4.3
TRANSFER ACKNOWLEDGE
All data must be transmitted per byte, with no limit to the
number of bytes transmitted per data transfer. After
each byte, the slave-receiver generates an acknowl-
edge bit (ACK) (Figure 11-17). When a slave-receiver
doesn’t acknowledge the slave address or received
data, the master must abort the transfer. The slave
must leave SDA high so that the master can generate
the STOP condition (Figure 11-14).
S
R/W ACK
Sent by
Slave
slave address
S
R/W
Read/Write pulse
MSb
LSb
Start Condition
ACK
Acknowledge
S 1 1 1 1 0 A9 A8 R/W ACK A7 A6 A5 A4 A3 A2 A1 A0 ACK
sent by slave
= 0 for write
S
R/W
ACK
- Start Condition
- Read/Write Pulse
- Acknowledge
FIGURE 11-17: SLAVE-RECEIVER
ACKNOWLEDGE
If the master is receiving the data (master-receiver), it
generates an acknowledge signal for each received
byte of data, except for the last byte. To signal the end
of data to the slave-transmitter, the master does not
generate an acknowledge (not acknowledge). The
slave then releases the SDA line so the master can
generate the STOP condition. The master can also
generate the STOP condition during the acknowledge
pulse for valid termination of data transfer.
If the slave needs to delay the transmission of the next
byte, holding the SCL line low will force the master into
a wait state. Data transfer continues when the slave
releases the SCL line. This allows the slave to move the
received data or fetch the data it needs to transfer
before allowing the clock to start. This wait state tech-
nique can also be implemented at the bit level,
Figure 11-18. The slave will inherently stretch the clock,
when it is a transmitter, but will not when it is a receiver.
The slave will have to clear the SSPCON<4> bit to
enable clock stretching when it is a receiver.
S
Data
Output by
Transmitter
Data
Output by
Receiver
SCL from
Master
Start
Condition
Clock Pulse for
Acknowledgment
not acknowledge
acknowledge
1
2
8
9
FIGURE 11-18: DATA TRANSFER WAIT STATE
12
7
8
9
1
2
3
• 89
P
SDA
SCL
S
Start
Condition
Address
R/W
ACK
Wait
State
Data
ACK
MSB
acknowledgment
signal from receiver
acknowledgment
signal from receiver
byte complete
interrupt with receiver
clock line held low while
interrupts are serviced
Stop
Condition
Applicable Devices
61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com