Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C64-04/P Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16C64-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/P Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16C64-04/P Datasheet HTML 163Page - Microchip Technology PIC16C64-04/P Datasheet HTML 164Page - Microchip Technology PIC16C64-04/P Datasheet HTML 165Page - Microchip Technology PIC16C64-04/P Datasheet HTML 166Page - Microchip Technology PIC16C64-04/P Datasheet HTML 167Page - Microchip Technology PIC16C64-04/P Datasheet HTML 168Page - Microchip Technology PIC16C64-04/P Datasheet HTML 169Page - Microchip Technology PIC16C64-04/P Datasheet HTML 170Page - Microchip Technology PIC16C64-04/P Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 336 page
background image
© 1997 Microchip Technology Inc.
DS30234D-page 167
PIC16C6X
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
Output High Voltage
D090
I/O ports (Note 3)
VOH
VDD-0.7
-
-
V
IOH = -3.0 mA,
VDD = 4.5V, -40
°C to +85°C
D090A
VDD-0.7
-
-
V
IOH = -2.5 mA,
VDD = 4.5V, -40
°C to +125°C
D092
OSC2/CLKOUT (RC osc config)
VDD-0.7
-
-
V
IOH = -1.3 mA,
VDD = 4.5V, -40
°C to +85°C
D092A
VDD-0.7
-
-
V
IOH = -1.0 mA,
VDD = 4.5V, -40
°C to +125°C
D150*
Open-Drain High Voltage
VOD
-
-
14
V
RA4 pin
Capacitive Loading Specs on
Output Pins
D100
OSC2 pin
COSC2
15
pF
In XT, HS and LP modes when
external clock is used to drive
OSC1.
D101
All I/O pins and OSC2 (in RC mode) CIO
50
pF
DC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40˚C
≤ TA ≤ +125˚C for extended,
-40˚C
≤ TA ≤ +85˚C for industrial and
0˚C
≤ TA ≤ +70˚C for commercial
Operating voltage VDD range as described in DC spec Section 16.1 and
Section 16.2.
Param
No.
Characteristic
Sym
Min
Typ†
Max
Units
Conditions
*
The parameters are characterized but not tested.
†
Data in “Typ” column is at 5V, 25
°C unless otherwise stated. These parameters are for design guidance only
and are not tested.
Note 1: In RC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended that the
PIC16C6X be driven with external clock in RC mode.
2: The leakage current on the MCLR/VPP pin is strongly dependent on the applied voltage level. The specified
levels represent normal operating conditions. Higher leakage current may be measured at different input volt-
ages.
3: Negative current is defined as current sourced by the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com