Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16C64-04/P Datasheet(PDF) 176 Page - Microchip Technology

Part # PIC16C64-04/P
Description  8-Bit CMOS Microcontrollers
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C64-04/P Datasheet(HTML) 176 Page - Microchip Technology

Back Button PIC16C64-04/P Datasheet HTML 172Page - Microchip Technology PIC16C64-04/P Datasheet HTML 173Page - Microchip Technology PIC16C64-04/P Datasheet HTML 174Page - Microchip Technology PIC16C64-04/P Datasheet HTML 175Page - Microchip Technology PIC16C64-04/P Datasheet HTML 176Page - Microchip Technology PIC16C64-04/P Datasheet HTML 177Page - Microchip Technology PIC16C64-04/P Datasheet HTML 178Page - Microchip Technology PIC16C64-04/P Datasheet HTML 179Page - Microchip Technology PIC16C64-04/P Datasheet HTML 180Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 336 page
background image
PIC16C6X
DS30234D-page 176
© 1997 Microchip Technology Inc.
Applicable Devices 61 62 62A R62 63 R63 64 64A R64 65 65A R65 66 67
FIGURE 17-8: MAXIMUM IPD VS. VDD
WATCHDOG ENABLED*
*IPD, with Watchdog Timer enabled, has two compo-
nents: The leakage current which increases with higher
temperature and the operating current of the Watchdog
Timer logic which increases with lower temperature. At
-40
°C, the latter dominates explaining the apparently
anomalous behavior.
45
3.0
-55
°C
40
35
30
25
20
15
10
5
0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (Volts)
-40
°C
125
°C
0
°C
70
°C
85
°C
FIGURE 17-9: VTH (INPUT THRESHOLD
VOLTAGE) OF I/O PINS VS.
VDD
VDD (Volts)
0.80
1.00
1.20
1.40
1.60
1.80
2.00
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.60
Max (-40
°C to 85°C)
25
°C, Typ
Min (-40
°C to 85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com