Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE51146 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE51146
Description  Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE51146 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE51146 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE51146 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE51146 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
1
Pasternack’s ¼ wave portable omni whip antennas feature a textured black finish and a strain-relief base to ensure durability
and repeatable RF performance. Our ¼ wave portable omni whip antennas are availabile with operating frequencies as low
as 400 MHz and as high as 960 MHz. These antennas are offered with gain ranges from unity to 2 dBi. The omni-directional
radiation pattern and IP67 rating make these antennas ideal for mobile radio communications.
• Operating frequencies from 400 MHz to 960 MHz
Gain ranges from unity to 2 dBi
VSWR less than 2:1, in most cases
• 50 Ohm Impedance
• IP67 Rated
Variety of connector types available (SMA Female, MX, or MD) for use in many portable handheld radio applications.
See below for common brand & connector combinations.
MX (1/4-32 x 7/32) – Commonly used in: Motorola, Radius, Saber, Saber+, Spirit, Expo, Kenwood, Maxon, Midland,
Wilson, GE Monogram, and Vertex Standard.
MD (M7 x 1.0) – Commonly used in: GE
SMA Female (SF) – Commonly used in: Motorola, Visar, and Kenwood
Configuration
Design
Whip Portable
Frequency Range
400 to 420 MHz
Polarization
Vertical
Interface 1
MX
Number of Output Ports
1
Electrical Specifications (Values at 25°C, sea level)
Description
Minimum
Typical
Maximum
Units
Impedance
50
Ohms
Typical Gain
0
dBi
Input VSWR
2:1
.
Mechanical Specifications
Radome Material
TPE
Size
Length
6.83 in [173.48 mm]
Width
0.58 in [14.73 mm]
.
Weight
0.036 lbs [16.33 g]
Environmental Specifications
Temperature
Operating Range
-20 to +65 deg C
Environment
IP67
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain MX Input Con-
nector IP67 Rated
PE51146
PE51146
PE51146 REV 1.1
Whip Antenna Operates From 400 MHz to 420 MHz With
a Typical 0 dBi Gain MX Input Connector IP67 Rated


Similar Part No. - PE51146

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51141 PASTERNACK-PE51141 Datasheet
316Kb / 2P
Fixed Antenna Operates From 2.4 GHz to 2.5 GHz With a Maximum 11 dBi Gain N Female Input Connector
PE51142 PASTERNACK-PE51142 Datasheet
352Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51143 PASTERNACK-PE51143 Datasheet
351Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51144 PASTERNACK-PE51144 Datasheet
351Kb / 2P
Paddle Portable Dual Band Band Antenna Operates From With a Maximum 6 dBi Gain SMA Female Input Connector
PE51145 PASTERNACK-PE51145 Datasheet
298Kb / 3P
Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
More results

Similar Description - PE51146

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51145 PASTERNACK-PE51145 Datasheet
298Kb / 3P
Whip Antenna Operates From 400 MHz to 420 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51147 PASTERNACK-PE51147 Datasheet
331Kb / 3P
Whip Antenna Operates From 482 MHz to 512 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51149 PASTERNACK-PE51149 Datasheet
330Kb / 3P
Whip Antenna Operates From 450 MHz to 470 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51153 PASTERNACK-PE51153 Datasheet
330Kb / 3P
Whip Antenna Operates From 698 MHz to 780 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51155 PASTERNACK-PE51155 Datasheet
330Kb / 3P
Whip Antenna Operates From 806 MHz to 880 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51159 PASTERNACK-PE51159 Datasheet
330Kb / 3P
Whip Antenna Operates From 420 MHz to 450 MHz With a Typical 0 dBi Gain SMA Female Input Connector IP67 Rated
PE51160 PASTERNACK-PE51160 Datasheet
330Kb / 3P
Whip Antenna Operates From 420 MHz to 450 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51162 PASTERNACK-PE51162 Datasheet
329Kb / 3P
Whip Antenna Operates From 470 MHz to 512 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51163 PASTERNACK-PE51163 Datasheet
330Kb / 3P
Whip Antenna Operates From 760 MHz to 870 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
PE51164 PASTERNACK-PE51164 Datasheet
330Kb / 3P
Whip Antenna Operates From 880 MHz to 960 MHz With a Typical 0 dBi Gain MX Input Connector IP67 Rated
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com