Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BSN011NE2LS Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSN011NE2LS
Description  Optimized for high performance Buck converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSN011NE2LS Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSN011NE2LS Datasheet HTML 1Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 2Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 3Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 4Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 5Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 6Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 7Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 8Page - Infineon Technologies AG BSN011NE2LS Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSN011NE2LS
13 Avalanche characteristics
14 Typ. gate charge
I AS=f(t AV); R GS=25 W
V GS=f(Q gate); I D=30 A pulsed
parameter: T j(start)
parameter: V DD
15 Drain-source breakdown voltage
16 Gate charge waveforms
V BR(DSS)=f(T j); I D=1 mA
20
21
22
23
24
25
26
27
28
-60
-20
20
60
100
140
180
T
j [°C]
V GS
Q gate
V gs(th)
Q g(th)
Q gs
Q gd
Q sw
Q g
25 °C
100 °C
125 °C
1
10
100
1
10
100
1000
t
AV [µs]
5 V
15 V
25 V
0
2
4
6
8
10
12
0
10
20
30
40
50
60
70
Q
gate [nC]
Rev. 2.0
page 7
2014-05-23



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com