Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16LF84AT-20/P Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16LF84AT-20/P
Description  18-pin Flash/EEPROM 8-Bit Microcontrollers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16LF84AT-20/P Datasheet(HTML) 1 Page - Microchip Technology

  PIC16LF84AT-20/P Datasheet HTML 1Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 2Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 3Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 4Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 5Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 6Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 7Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 8Page - Microchip Technology PIC16LF84AT-20/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
© 1998 Microchip Technology Inc.
DS30430C-page 1
M
Devices Included in this Data Sheet:
• PIC16F83
• PIC16F84
• PIC16CR83
• PIC16CR84
• Extended voltage range devices available
(PIC16LF8X, PIC16LCR8X)
High Performance RISC CPU Features:
• Only 35 single word instructions to learn
• All instructions single cycle except for program
branches which are two-cycle
• Operating speed: DC - 10 MHz clock input
DC - 400 ns instruction cycle
• 14-bit wide instructions
• 8-bit wide data path
• 15 special function hardware registers
• Eight-level deep hardware stack
• Direct, indirect and relative addressing modes
• Four interrupt sources:
- External RB0/INT pin
- TMR0 timer overflow
- PORTB<7:4> interrupt on change
- Data EEPROM write complete
• 1000 erase/write cycles Flash program memory
• 10,000,000 erase/write cycles EEPROM data mem-
ory
• EEPROM Data Retention > 40 years
Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
- 25 mA sink max. per pin
- 20 mA source max. per pin
• TMR0: 8-bit timer/counter with 8-bit
programmable prescaler
Pin Diagrams
Special Microcontroller Features:
• In-Circuit Serial Programming (ICSP™) - via two
pins (ROM devices support only Data EEPROM
programming)
• Power-on Reset (POR)
• Power-up Timer (PWRT)
• Oscillator Start-up Timer (OST)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Code-protection
• Power saving SLEEP mode
• Selectable oscillator options
CMOS Flash/EEPROM Technology:
• Low-power, high-speed technology
• Fully static design
• Wide operating voltage range:
- Commercial: 2.0V to 6.0V
- Industrial:
2.0V to 6.0V
• Low power consumption:
- < 2 mA typical @ 5V, 4 MHz
- 15
µA typical @ 2V, 32 kHz
- < 1
µA typical standby current @ 2V
Device
Program
Memory
(words)
Data
RAM
(bytes)
Data
EEPROM
(bytes)
Max.
Freq
(MHz)
PIC16F83
512 Flash
36
64
10
PIC16F84
1 K Flash
68
64
10
PIC16CR83
512 ROM
36
64
10
PIC16CR84
1 K ROM
68
64
10
RA1
RA0
OSC1/CLKIN
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
RA2
RA3
RA4/T0CKI
MCLR
VSS
RB0/INT
RB1
RB2
RB3
•1
2
3
4
5
6
7
8
9
18
17
16
15
14
13
12
11
10
PDIP, SOIC
PIC16F8X
18-pin Flash/EEPROM 8-Bit Microcontrollers


Similar Part No. - PIC16LF84AT-20/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF84AT-20/PQTP MICROCHIP-PIC16LF84AT-20/PQTP Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC16LF84AT-20/PROM MICROCHIP-PIC16LF84AT-20/PROM Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC16LF84AT-20/PSQTP MICROCHIP-PIC16LF84AT-20/PSQTP Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
More results

Similar Description - PIC16LF84AT-20/P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F84A MICROCHIP-PIC16F84A Datasheet
494Kb / 68P
18-pin Enhanced Flash/EEPROM 8-Bit Microcontroller
1999
35007B MICROCHIP-35007B Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC16F8X MICROCHIP-PIC16F8X_99 Datasheet
1Mb / 124P
18-pin Flash/EEPROM 8-Bit Microcontrollers
1998 - 1999
PIC16F84A MICROCHIP-PIC16F84A_07 Datasheet
1Mb / 88P
18-pin Enhanced FLASH/EEPROM 8-bit Microcontroller
2001
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
8-Pin Flash, 8-Bit Microcontrollers
2013
PIC16F8X MICROCHIP-PIC16F8X_13 Datasheet
1Mb / 128P
18-pin Flash/EEPROM 8-Bit Microcontrollers
11/29/12 1996-2013
PIC16F84A MICROCHIP-PIC16F84A_13 Datasheet
1Mb / 90P
18-pin Enhanced FLASH/EEPROM 8-Bit Microcontroller
11/29/12 2001-2013
PIC16F84A-04-P MICROCHIP-PIC16F84A-04-P Datasheet
1Mb / 90P
18-pin Enhanced FLASH/EEPROM 8-Bit Microcontroller
11/29/12
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
8-Pin Flash, 8-Bit Microcontrollers
08/02/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com