Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIR438DP Datasheet(PDF) 2 Page - Vishay Telefunken

Part # SIR438DP
Description  N-Channel 25-V (D-S) MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIR438DP Datasheet(HTML) 2 Page - Vishay Telefunken

  SIR438DP Datasheet HTML 1Page - Vishay Telefunken SIR438DP Datasheet HTML 2Page - Vishay Telefunken SIR438DP Datasheet HTML 3Page - Vishay Telefunken SIR438DP Datasheet HTML 4Page - Vishay Telefunken SIR438DP Datasheet HTML 5Page - Vishay Telefunken SIR438DP Datasheet HTML 6Page - Vishay Telefunken SIR438DP Datasheet HTML 7Page - Vishay Telefunken SIR438DP Datasheet HTML 8Page - Vishay Telefunken SIR438DP Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.vishay.com
2
Document Number: 69029
S-83093-Rev. A, 29-Dec-08
Vishay Siliconix
SiR438DP
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
25
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = 250 µA
24
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
- 6.0
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
1.0
2.3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 25 V, VGS = 0 V
1
µA
VDS = 25 V, VGS = 0 V, TJ = 55 °C
10
On-State Drain Currenta
ID(on)
VDS ≥ 5 V, VGS = 10 V
30
A
Drain-Source On-State Resistancea
RDS(on)
VGS = 10 V, ID = 20 A
0.00145
0.0018
Ω
VGS = 4.5 V, ID = 20 A
0.0019
0.0023
Forward Transconductancea
gfs
VDS = 10 V, ID = 20 A
90
S
Dynamicb
Input Capacitance
Ciss
VDS = 10 V, VGS = 0 V, f = 1 MHz
4560
pF
Output Capacitance
Coss
1140
Reverse Transfer Capacitance
Crss
445
Total Gate Charge
Qg
VDS = 10 V, VGS = 10 V, ID = 20 A
70
105
nC
VDS = 10 V, VGS = 4.5 V, ID = 20 A
32.6
49
Gate-Source Charge
Qgs
9.7
Gate-Drain Charge
Qgd
9.1
Gate Resistance
Rg
f = 1 MHz
0.2
1.0
2
Ω
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 10 V, Rg = 1 Ω
15
30
ns
Rise Time
tr
918
Turn-Off Delay Time
td(off)
41
80
Fall Time
tf
816
Turn-On Delay Time
td(on)
VDD = 10 V, RL = 1 Ω
ID ≅ 10 A, VGEN = 4.5 V, Rg = 1 Ω
37
70
Rise Time
tr
21
40
Turn-Off Delay Time
td(off)
40
80
Fall Time
tf
20
40
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
60
A
Pulse Diode Forward Currenta
ISM
80
Body Diode Voltage
VSD
IS = 4 A
0.72
1.1
V
Body Diode Reverse Recovery Time
trr
IF = 10 A, dI/dt = 100 A/µs, TJ = 25 °C
34
65
ns
Body Diode Reverse Recovery Charge
Qrr
26
50
nC
Reverse Recovery Fall Time
ta
16
ns
Reverse Recovery Rise Time
tb
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com