Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATTITUDEV2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATTITUDEV2
Description  7.4V 1000mAh
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATTITUDEV2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATTITUDEV2 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATTITUDEV2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.fatshark.com
ATTITUDE V2 SPECIFICATION DOCUMENT (REV B 12/23/2013)
Headset Specifications:
Optics:
FOV (field of view): 35°diagonal (Image size: 1.3m @ 2m)
Interpupillary (IPD) distance: 59 – 69 mm (adjustable)
Supports optional diopter lens inserts: -2, -4, -6 dpt
Audio:
Stereo (requires adjustable volume earphone accessory)
User Controls:
Channel selection/ head tracker reset
Mode selection (wired/wireless)
Contrast/ brightness control
Electrical:
Power supply: 7 - 13 V (2S/3S supply)
Power consumption (@7.4V nominal):
300mA wireless/ 150mA direct mode (RX off)
Antennae:
External dipole (RX is circular polarized compatible)
Mechanical:
Ergonomic molded headset w/ adjustable headband
Secured rubber eye cups for ambient light reduction
Weight: 150g
Display
Full color LCD LED backlit Kopin CyberDisplay
922,000 pixels binocular display (640 X 480 VGA)
NTCS/PAL auto selecting
Head Tracker
Trinity 9DOF 3-axis head tracker
Battery:
7.4V 1000mAh (accessory, not included)
Interface
3.5mm AV in/out port
Power in port
3.5mm stereo earphone port
PS/2 DIN head tracker data port
Operating Frequencies:
5.8 Ghz Module
5740MHz, 5760Mhz, 5780MHz,
5800Mhz, 5820MHz, 5840Mhz,
5860Mhz
Note:
Fat Shark headsets use NexWave brand RF modules.
Compatibility is only guaranteed with Fat Shark and
ImmersionRC transmitters.


Similar Part No. - ATTITUDEV2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATtiny10 ATMEL-ATtiny10 Datasheet
621Kb / 20P
8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
ATtiny10 ATMEL-ATtiny10 Datasheet
4Mb / 168P
8-bit Microcontroller with 512/1024 Bytes In-System Programmable Flash
ATTINY10-TSHR ATMEL-ATTINY10-TSHR Datasheet
4Mb / 170P
Atmel 8-bit AVR Microcontroller
ATTINY102 ATMEL-ATTINY102 Datasheet
411Kb / 2P
1KB in-system programmable Flash memory
ATTINY104 ATMEL-ATTINY104 Datasheet
411Kb / 2P
1KB in-system programmable Flash memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com