Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SHT3X-DIS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SHT3X-DIS
Description  Very fast start-up and measurement time
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT3X-DIS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SHT3X-DIS Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 9Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 10Page - List of Unclassifed Manufacturers SHT3X-DIS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Datasheet SHT3x-DIS
www.sensirion.com
October 2015 - Version 1
7/18
The LSB switches between read or write header. The
wiring for the default address is shown in Table 7 and
Figure 8. The ADDR pin must not be left floating.
Please note that only the 7 MSBs of the I2C Read/Write
header constitute the I2C Address.
SHT3x-DIS
I2C Address in Hex.
representation
Condition
I2C address A
0x44 (default)
ADDR (pin 2)
connected to VSS
I2C address B
0x45
ADDR (pin 2)
connected to VDD
Table 7 I2C device address
3.5
ALERT Pin
The alert pin may be used to connect to the interrupt
pin of a microcontroller. The output of the pin depends
on the value of the RH/T reading relative to
programmable limits. Its function is explained in a
separate application note. If not used, this pin must be
left floating. The pin switches high, when alert
conditions are met. The maximum driving loads are
listed in Table 3. Be aware that self-heating might
occur, depending on the amount of current that flows.
Self-heating can be prevented if the Alert Pin is only
used to switch a transistor.
3.6
nRESET Pin
The nReset pin may be used to generate a reset of the
sensor. A minimum pulse duration of 350 ns is required
to reliably trigger a reset of the sensor. Its function is
explained in more detail in section 4. If not used it is
recommended to connect to VDD.
4 Operation and Communication
The
SHT3x-DIS supports I2C fast mode (and
frequencies up to 1000 kHz). Clock stretching can be
enabled and disabled through the appropriate user
command. For detailed information on the I2C protocol,
refer to NXP I2C-bus specification12.
All SHT3x-DIS commands and data are mapped to a
16-bit address space. Additionally, data and commands
are protected with a CRC checksum. This increases
communication reliability. The 16 bits commands to the
sensor already include a 3 bit CRC checksum. Data
sent from and received by the sensor is always
succeeded by an 8 bit CRC.
In write direction it is mandatory to transmit the
checksum, since the SHT3x-DIS only accepts data if it
12
http://www.nxp.com/documents/user_manual/UM10204.pdf
is followed by the correct checksum. In read direction it
is left to the master to read and process the checksum.
4.1
Power-Up and Communication Start
The sensor starts powering-up after reaching the
power-up threshold voltage VPOR specified in Table 3.
After reaching this threshold voltage the sensor needs
the time tPU to enter idle state. Once the idle state is
entered it is ready to receive commands from the
master (microcontroller).
Each transmission sequence begins with a START
condition (S) and ends with a STOP condition (P) as
described in the I2C-bus specification. The stop
condition is optional. Whenever the sensor is powered
up, but not performing a measurement or
communicating, it automatically enters idle state for
energy saving. This idle state cannot be controlled by
the user.
4.2
Starting a Measurement
A measurement communication sequence consists of a
START condition, the I2C write header (7-bit I2C device
address plus 0 as the write bit) and a 16-bit
measurement command. The proper reception of each
byte is indicated by the sensor. It pulls the SDA pin low
(ACK bit) after the falling edge of the 8th SCL clock to
indicate the reception. A complete measurement cycle
is depicted in Table 8.
With the acknowledgement of the measurement
command, the SHT3x-DIS starts measuring humidity
and temperature.
4.3
Measurement Commands for Single Shot
Data Acquisition Mode
In this mode one issued measurement command
triggers the acquisition of one data pair. Each data pair
consists of one 16 bit temperature and one 16 bit
humidity value (in this order). During transmission each
data value is always followed by a CRC checksum, see
section 4.4.
In single shot mode different measurement commands
can be selected. The 16 bit commands are shown in
Table 8. They differ with respect to repeatability (low,
medium and high) and clock stretching (enabled or
disabled).
The repeatability setting influences the measurement
duration and thus the overall energy consumption of the
sensor. This is explained in section 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com