Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SHTC1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SHTC1
Description  Humidity and Temperature Sensor IC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHTC1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SHTC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHTC1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.sensirion.com
Version 3 – May 2014
4/14
2.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 4 may cause permanent damage to the device. These are stress ratings only and
functional operation of the device at these conditions cannot be guaranteed. Exposure to the absolute maximum rating
conditions for extended periods may affect the reliability of the device.
Parameter
Rating
Supply voltage, VDD
-0.3 to +2.16 V
Operating temperature range
-40 to +125 °C
Storage temperature range11
-40 to +125 °C
ESD HBM
2 kV
ESD MM
200 V
ESD CDM
500 V
Latch up, JESD78 Class II, 125°C
100mA
Table 4 Absolute maximum ratings.
3 Timing Specifications
3.1 Sensor System Timings
Default conditions of 25 °C and 1.8 V supply voltage apply to values the table below, unless otherwise stated. Max. values are
measured at -30°C and 1.98V supply voltage.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units Comments
Power-up time
tPU
After hard reset, VDD ≥ VPOR
-
182
239
µs
Time between VDD reaching VPU
and sensor entering idle state
Soft reset time
tSR
After soft reset.
-
173
230
µs
Time between ACK of soft reset
command and sensor entering
idle state
Measurement duration
tMEAS
-
-
10.8
14.4
ms
Duration for a humidity and
temperature measurement12
Table 5 System timing specifications.
11 The recommended storage temperature range is 10-50°C. Please consult the document “SHTxx Handling Instructions” for more information.
12 These values can be reduced by using the low power measurement mode, see separate application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com