Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE4730 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4730
Description  RP BNC Male Right Angle Connector Crimp - Solder Attachment For RG58
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4730 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4730 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4730 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4730 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
RP BNC Male Right Angle Connector Crimp/Solder Attachment For RG58
Configuration
Connector
BNC Male Reverse Polarity
Connector Specification
MIL-C-39012
Connector Interface Type
RG58
Cable Attachment Method (Shield/Contact)
Crimp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Size
Length, in [mm]
1.345 [34.16]
Width/Dia., in [mm]
0.571 [14.50]
Height, in [mm]
1.145 [29.08]
.
Weight, lbs [g]
0.055 [24.95]
Connector
Type
BNC Male Reverse Polarity
Contact Material and Plating
Brass, Gold
Contact Plating Specification
3µ-5µ in. minimum
Coupling Nut Material and Plating
Brass, Nickel
Coupling Nut Plating Specification
70µ in. minimum
Body Material and Plating
Brass, Nickel
Body Plating Specification
70µ in. minimum
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RP BNC Male Right Angle Connector Crimp/Solder Attachment For RG58 PE4730
PE4730
PE4730 REV 01
RP BNC Male Right Angle Connector Crimp/
Solder Attachment For RG58


Similar Part No. - PE4730

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4731 PASTERNACK-PE4731 Datasheet
265Kb / 2P
RP BNC Male Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4732 PASTERNACK-PE4732 Datasheet
105Kb / 1P
PASTERNACK ENTERPRISES
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4734 PASTERNACK-PE4734 Datasheet
104Kb / 1P
REVERSE POLARITY BNC MALE RIGHT ANGLE CLAMP ATTACHMENT FOR RG178 & RG196
PE4735 PASTERNACK-PE4735 Datasheet
225Kb / 2P
RP BNC Female Connector Clamp/Solder Attachment For RG213, RG214, RG8, RG9, RG225, RG393
More results

Similar Description - PE4730

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4405 PASTERNACK-PE4405 Datasheet
283Kb / 3P
SMA Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4451 PASTERNACK-PE4451 Datasheet
297Kb / 3P
TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4678 PASTERNACK-PE4678 Datasheet
226Kb / 2P
RP TNC Male Right Angle Connector Crimp/ Solder Attachment For RG58
PE4716 PASTERNACK-PE4716 Datasheet
241Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG58
PE4718 PASTERNACK-PE4718 Datasheet
254Kb / 2P
RP BNC Male Connector Crimp/Solder Attachment For RG59, RG62
PE4298 PASTERNACK-PE4298 Datasheet
288Kb / 2P
BNC Male Right Angle Connector Crimp/ Crimp Attachment For RG58
PE4381 PASTERNACK-PE4381 Datasheet
244Kb / 2P
BNC Male Connector Crimp/Solder Attachment For RG58 Plenum
PE4738 PASTERNACK-PE4738 Datasheet
207Kb / 2P
RP BNC Female Connector Crimp/Solder Attachment For RG58
PE4733 PASTERNACK-PE4733 Datasheet
225Kb / 2P
RP BNC Male Right Angle Connector Crimp-Solder Attachment For RG174, RG316, RG188
PE4959 PASTERNACK-PE4959 Datasheet
221Kb / 3P
C Male Right Angle Connector Crimp-Solder Attachment For RG58
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com