Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML4632 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4632
Description  Fiber Optic LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4632 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4632 Datasheet HTML 1Page - Micro Linear Corporation ML4632 Datasheet HTML 2Page - Micro Linear Corporation ML4632 Datasheet HTML 3Page - Micro Linear Corporation ML4632 Datasheet HTML 4Page - Micro Linear Corporation ML4632 Datasheet HTML 5Page - Micro Linear Corporation ML4632 Datasheet HTML 6Page - Micro Linear Corporation ML4632 Datasheet HTML 7Page - Micro Linear Corporation ML4632 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ML4632
3
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC ............................................................................... –0.3V to 6V
Input Pin Voltages ............................. –0.3V to VCC +0.3V
LED Output Current ............................................. 120mA
PEAK DC Output Current ..................................... 120mA
Storage Temperature .............................. –65
°C to +150°C
Lead Temperature (Soldering 10 sec.) ..................... 260
°C
ELECTRICAL CHARACTERISTICS
Over the recommended operating conditions of TA = 0°C to 70°C, VCC = 5V ±5%, unless otherwise specified. (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC
Supply Current
LED off
25
35
mA
VREF
VREF Voltage
No Load
1.14
1.20
1.26
V
VPTAT
PTAT Voltage
No Load, TA = 25°C
0.9
1.0
1.1
V
TA = 85°C
1.08
1.2
1.32
V
VOS
Driver Offset
VDRV = 1.2V, RTSET = 20
Ω
50
mV
LED Current Accuracy
VDRV = VREF, RTSET = 20
Ω
ILEDH
High
IOFF = open
54
60
66
mA
ILEDL
Low
0.5
0.7
1.0
mA
tR
Rise Time
VDRV = VREF, RTSET = 20
Ω
4.5
ns
tF
Fall Time
VDRV = VREF, RTSET = 20
Ω
4.5
ns
Propagation Delay
VDRV = VREF, RTSET = 20
Ω
tPLH
Low to High
TTL and ECL
10.0
ns
tPHL
High to Low
10.0
ns
tPWD
Pulse Width Distortion
VDRV = VREF, RTSET = 20
Ω
1.0
2.0
ns
VPK
Peaking Voltage
RRPK = 20Ω, CPK = 100pF, RPEAK = 20Ω
1.08
1.2
1.32
V
VPKTR
Peaking Rise Time
RRPK = 20Ω, CPK = 100pF, RPEAK = 20Ω
4.5
ns
VPKTF
Peaking Fall Time
RRPK = 20Ω, CPK = 100pF, RPEAK = 20Ω
4.5
ns
IECL
ECL Input Current
20
µA
ITTL
TTL Input Current
100
µA
VDO
Dropout Voltage between
pin 5 and 3
1.5
V
IOFF
Additional LED Off Current
VCC = 5V, RIOFF = 4.3KΩ
0.8
1.0
1.2
mA
VBIAS
ECL BIAS Voltage
VCC = 5V, TA = 25°C
3.8
V
Note 1: Limits are guaranteed by 100% testing, sampling or correlation with worst-case test conditions.
Note 2: Low Duty cycle pulse testing is performed at TA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com