Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MGBR20U45CL-TN3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # MGBR20U45CL-TN3-R
Description  DUAL MOS GATED BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

MGBR20U45CL-TN3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  MGBR20U45CL-TN3-R Datasheet HTML 1Page - Unisonic Technologies MGBR20U45CL-TN3-R Datasheet HTML 2Page - Unisonic Technologies MGBR20U45CL-TN3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MGBR20U45C
Preliminary
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-144.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
PARAMETER
SYMBOL
RATINGS
UNIT
DC Blocking Voltage
VRM
45
V
Working Peak Reverse Voltage
VRWM
45
V
Peak Repetitive Reverse Voltage
VRRM
45
V
Per Leg
10
A
Average Rectified Forward Current
(Rated VR-20KHz Square Wave) – 50%
duty cycle
Total
IO
20
A
Peak Forward Surge Current - 1/2 60Hz
IFSM
250
A
Peak Repetitive Reverse Surge Current (2μS-1KHz)
IRRM
2
A
Rate of Voltage Change ( at Rated VR )
dv/dt
10000
V/μS
Operating Junction Temperature
TJ
-65~+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220
62.5
Junction to Ambient
TO-252
θJA
110
°C/W
TO-220
2
Junction to Case
TO-252
θJC
2.5
°C/W
ELECTRICAL CHARACTERISTICS-(PER LEG) (TA =25°C unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Reverse Breakdown Voltage (Note 1)
V(BR)R
IR=0.45mA
45
V
IF=10A, TJ=25°C
0.43
V
Instantaneous Forward Voltage
VFM
IF=10A, TJ=125°C
0.40
V
VR=45V, TJ=25°C
500
μA
Instantaneous Reverse Current (Note 1)
IRM
VR=45V, TJ=125°C
100
mA
Notes: 1. Short duration pulse test used to minimize self-heating effect.
2. Thermal resistance junction to case mounted on heatsink.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com