Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML4775 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4775
Description  Adjustable Output Low Voltage Boost Regulator with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4775 Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4775 Datasheet HTML 1Page - Micro Linear Corporation ML4775 Datasheet HTML 2Page - Micro Linear Corporation ML4775 Datasheet HTML 3Page - Micro Linear Corporation ML4775 Datasheet HTML 4Page - Micro Linear Corporation ML4775 Datasheet HTML 5Page - Micro Linear Corporation ML4775 Datasheet HTML 6Page - Micro Linear Corporation ML4775 Datasheet HTML 7Page - Micro Linear Corporation ML4775 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ML4775
Again, a low ESR capacitor (such as tantalum) is
recommended.
DRIVING THE SHDN INPUT
Unlike other boost regulators which use external
Schottky diodes, the ML4775 has the ability to isolate
the load from the battery input when the SHDN pin is
high. Since there may be no other voltage available
when the regulator is in shutdown, the SHDN input
threshold is set well below the minimum VIN voltage.
SHDN can be driven directly from an open collector
device with a high value pull-up resistor to VIN. If SHDN
is driven from a TTL or CMOS output device, a resistor
divider should be used to prevent the SHDN input high
level from exceeding VIN, and to ensure the SHDN input
low level is below the 200mV threshold.
SETTING THE OUTPUT VOLTAGE
The adjustable output can be set to any voltage between
2.5V and 5.5V by connecting a resistor divider to the
SENSE pin as shown in the block diagram. The resistor
values R1 and R2 can be calculated using the following
equation:
V
RR
R
OUT
+
02
12
2
.
()
(5)
The value of R2 should be 40ký or less to minimize bias
current errors. R1 is then found by rearranging the
equation:
RR
VOUT
12
02
1


.
(6)
It is important to note that the accuracy of these resistors
directly affects the accuracy of the output voltage. The
SENSE pin threshold variation is ±3%, and the
tolerances of R1 and R2 will add to this to determine the
total output variation.
In some applications, input noise may cause output
ripple to become excessive due to “pulse grouping,”
where the charge-discharge pulses are not evenly
spaced in time. In such cases it may be necessary to add
a small 20pF to 100pF ceramic feedforward capacitor
(CFF) from the VIN pin to the SENSE pin.
LAYOUT
Good PC board layout practices will ensure the proper
operation of the ML4775. Important layout
considerations include:
• Use adequate ground and power traces or planes
• Keep components as close as possible to the ML4775
• Use short trace lengths from the inductor to the VL pin
and from the output capacitor to the VOUT pin
• Use a single point ground for the ML4775 ground
pins, and the input and output capacitors
OUTPUT CAPACITOR
The choice of output capacitor is also important, as it
controls the output ripple and optimizes the efficiency of
the circuit. Output ripple is influenced by three
capacitor parameters: capacitance, ESR, and ESL. The
contribution due to capacitance can be determined by
looking at the change in capacitor voltage required to
store the energy delivered by the inductor in a single
charge-discharge cycle, as determined by the following
formula:
∆V
TV
LC
V
V
OUT
ON
IN
OUT
IN
=
×
×× ×
22
2(
)
(4)
For a 2.4V input, and 5V output, a 27µH inductor, and
a 47µF capacitor, the expected output ripple due to
capacitor value is 87mV.
Capacitor Equivalent Series Resistance (ESR) and
Equivalent Series Inductance (ESL), also contribute to
the output ripple due to the inductor discharge current
waveform. Just after the NMOS transistor turns off, the
output current ramps quickly to match the peak inductor
current. This fast change in current through the output
capacitor’s ESL causes a high frequency (5ns) spike that
can be over 1V in magnitude. After the ESL spike settles,
the output voltage still has a ripple component equal
to the inductor discharge current times the ESR. This
component will have a sawtooth shape and a peak value
equal to the peak inductor current times the ESR. ESR
also has a negative effect on efficiency by contributing
I-squared R losses during the discharge cycle.
An output capacitor with a capacitance of 100µF, an
ESR of less than 0.1ý, and an ESL of less than 5nH is a
good general purpose choice. Tantalum capacitors
which meet these requirements can be obtained from the
following suppliers:
Matsuo
(714) 969-2491
Sprague
(603) 224-1961
If ESL spikes are causing output noise problems, an EMI
filter can be added in series with the output.
INPUT CAPACITOR
Unless the input source is a very low impedance battery,
it will be necessary to decouple the input with a
capacitor with a value of between 47µF and 100µF. This
provides the benefits of preventing input ripple from
affecting the ML4775 control circuitry, and it also
improves efficiency by reducing I-squared R losses
during the charge and discharge cycles of the inductor.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com