Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML4818 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4818
Description  Phase Modulation/Soft Switching Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4818 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4818 Datasheet HTML 1Page - Micro Linear Corporation ML4818 Datasheet HTML 2Page - Micro Linear Corporation ML4818 Datasheet HTML 3Page - Micro Linear Corporation ML4818 Datasheet HTML 4Page - Micro Linear Corporation ML4818 Datasheet HTML 5Page - Micro Linear Corporation ML4818 Datasheet HTML 6Page - Micro Linear Corporation ML4818 Datasheet HTML 7Page - Micro Linear Corporation ML4818 Datasheet HTML 8Page - Micro Linear Corporation ML4818 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
ML4818
ELECTRICAL CHARACTERISTICS (Continued)
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNITS
ERROR AMPLIFIER (Continued)
Output Sink Current
VEA OUT = 1V
1
3.2
mA
Output Source Current
VEA OUT = 5.1V
–0.5
–2.2
–20
mA
Output High Voltage
IEA OUT = –0.5mA
5.0
5.5
6.0
V
Output Low Voltage
IEA OUT = 1mA
0.8
V
Unity Gain Bandwidth
2.0
2.8
MHz
Slew Rate
8.5
V/
µs
PHASE MODULATOR
RAMP Bias Current
VRAMP = 2.5V
–1
–10
µA
EA OUT Zero DC Threshold
VRAMP = 0V
0.4
0.6
0.9
V
tPD, RAMP to Output
50
80
ns
tDELAY
CL = 1nF
99
200
250
ns
RDELAY Voltage
4
4.3
5
V
SOFT START
Charge Current
VSOFT START = 4V
–15
–25
–30
µA
Discharge Current
VSOFT START = 1V
10
20
30
mA
CURRENT LIMIT/SHUTDOWN
ILIM Bias Current
0V < VI
LIM < 4V
–10
–1
10
µA
Current Limit Threshold
VSHUTDOWN = 0V
0.92
1.02
1.12
V
tPD, ILIM
50
ns
RCRESET Shutdown Threshold
3.15
3.4
3.65
V
RCRESET Restart Threshold
1.0
1.3
1.6
V
RCRESET Charging Current
VI
LIM =2V, VRCRESET = 1.5V
–400
–523
–1000
µA
SHUTDOWN Threshold
2.0
2.4
2.8
V
SHUTDOWN Input Bias Current
VSHUTDOWN = 0
–100
–25
10
µA
OUTPUT
Output Low Level
IOUT = 20mA
0.1
0.4
V
IOUT = 200mA, TA = 25°C
0.7
2.8
V
Output High Level
IOUT = –20mA
12.0
13.5
V
IOUT = –200mA, TA = 25°C
11.0
13.0
V
Rise/Fall Time
CL = 1000pF
50
75
ns
UNDER-VOLTAGE LOCKOUT
Start Threshold
15.5
16.5
17.2
V
Stop Threshold
9.25
10.2
10.7
V
SUPPLY
Start Up Current
VCC < 15.8V
3
4
mA
ICC
VINV = 4V, VRAMP = VI
LIM = 0V,
CL = 1nF, TA = 25°C (Note 2)
60
70
mA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst-case test conditions.
Note 2: VCC must be brought above the UVLO start voltage (17.2V) before dropping to VCC = 15V to ensure start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com