Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML4828 Datasheet(PDF) 8 Page - Micro Linear Corporation

Part # ML4828
Description  BiCMOS Phase Modulation/Soft Switching Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4828 Datasheet(HTML) 8 Page - Micro Linear Corporation

Back Button ML4828 Datasheet HTML 3Page - Micro Linear Corporation ML4828 Datasheet HTML 4Page - Micro Linear Corporation ML4828 Datasheet HTML 5Page - Micro Linear Corporation ML4828 Datasheet HTML 6Page - Micro Linear Corporation ML4828 Datasheet HTML 7Page - Micro Linear Corporation ML4828 Datasheet HTML 8Page - Micro Linear Corporation ML4828 Datasheet HTML 9Page - Micro Linear Corporation ML4828 Datasheet HTML 10Page - Micro Linear Corporation ML4828 Datasheet HTML 11Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
ML4828
1V
2.5V
V(PIN 20)
V(PIN 12)
If the current limit condition persists, then IRST will be
reactivated, thus charging CRST to a higher level as shown
in Figure 7. Eventually, the voltage at RST will exceed
2.5V, and the soft start comparator will trip, shutting down
all power drivers and inhibiting any further delivery of
power. At the same time, the soft start capacitor CSS is
discharged to prepare for the next start up cycle.
During the ILIM shutdown, IRST is turned off, and CRST is
discharged through RRST with a time constant of:
tR
C
RST
RST
RST
=×
(12)
When the condition causing the current limit is removed,
RRST will discharge CRST with a time constant of tRST.
When the voltage at RST (pin 12) drops to 1.25V, the soft
start comparator and the converter will undergo a start up
cycle. The restart delay (tD(RST)) is given by:
tt
D RST
RST
()
.
=× 139
(13)
For example, with CRST = 25µF and RRST = 240kΩ:
dv
dt
A
F
V
s
=
µ
µ
=
500
25
20
(14)
and
tk
F
s
D RST
()
()
.
.
=Ω × µ ×
=
240
25
1 39
8 3
(15)
Since the threshold for shutdown is 2.5V, the controller
will shut down after approximately 125ms. After the
converter recovers form the current limit condition, the
controller will reactivate after 8.3s.
UNDERVOLTAGE LOCKOUT
During start-up, the ML4828 draws very little current
(typically 150
µA) and VREF is disabled. When VCC rises
above 6.0V, the internal circuitry and VREF are enabled,
and will stay enabled until VCC falls below the 4.5V UV
lockout threshold.
SHUTDOWN FUNCTION
The ML4828 can be externally shut down by bringing
SDN (pin 19) low. The shutdown threshold (VSD) is given
by
VV
SD
CC
=×
033
.
(16)
For example, if VCC= 5V, then VSD = 1.67V. As long as
2.4V < VCC < 6.0V, the SDN pin will be TTL compatible.
Figure 7. ILIM and Resulting RCRST
Waveforms During Short Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com