Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML4832 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4832
Description  Electronic Dimming Ballast Controller
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4832 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4832 Datasheet HTML 1Page - Micro Linear Corporation ML4832 Datasheet HTML 2Page - Micro Linear Corporation ML4832 Datasheet HTML 3Page - Micro Linear Corporation ML4832 Datasheet HTML 4Page - Micro Linear Corporation ML4832 Datasheet HTML 5Page - Micro Linear Corporation ML4832 Datasheet HTML 6Page - Micro Linear Corporation ML4832 Datasheet HTML 7Page - Micro Linear Corporation ML4832 Datasheet HTML 8Page - Micro Linear Corporation ML4832 Datasheet HTML 9Page - Micro Linear Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
ML4832
3
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, RSET = 22.1kW, RT = 15.8kW, CT = 1.5nF, C(VCC) = 1µF, ISINE = 200µA, VCC = 12.5V,
TA = Operating Temperature Range (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PFC CURRENT SENSE AMPLIFIER
Small Signal Transconductance
40
90
120
µ
Output Low
ISINE = 0mA, VEA OUT = 0V,
VIA+ = –0.3V, RL = ¥
0.2
0.4
V
Output High
ISINE = 1.5mA,
6.3
6.8
V
VEA–/OVP = VIA+ = 0V, RL = ¥
Source Current
ISINE = 1.5mA,
–0.05
–0.15
–0.25
mA
VEA–/OVP = VIA+ = 0V,
VIA OUT = 6V, TJ = 25ºC
Sink Current
ISINE = 0mA, VIA OUT = 0.3V,
VIA+ = –0.6V
VEA OUT = 0V, VEA–/OVP = 5V,
TJ = 25ºC
0.03
0.07
0.16
mA
PFC VOLTAGE FEEDBACK AMPLIFIER/LAMP CURRENT AMPLIFIER
Input Bias Current
–0.3
–1.0
µA
Small Signal Transconductance
30
55
90
µ
Input Voltage Range
–0.3
5.0
V
Output Low
VLAMP FB = VEA–/OVP = 3V, RL = ¥
0.2
0.4
V
Output High
VLAMP FB = VEA–/OVP = 2V, RL = ¥
7.1
7.5
7.8
V
Source Current
VLAMP FB = VEA–/OVP = 0V,
–0.06
–0.15
–0.30
mA
VEA OUT = VLFB OUT = 7V,
TJ = 25ºC
Sink Current
VLAMP FB = VEA–/OVP = 5V,
0.06
0.12
0.28
mA
VEA OUT = VLFB OUT = 0.3V,
TJ = 25ºC
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
Supply Current (ICC) ............................................... 60mA
Output Current, Source or Sink (OUT A, OUT B, PFC
OUT)
DC ................................................................... 250mA
Output Energy (capacitive load per cycle) ............... 1.5mJ
Gain Modulator ISINE Input ..................................... 10mA
Analog Inputs ....................................... –0.3V to VCC –2V
IA+ Input Voltage .............................................. –3V to 2V
Maximum Forced Voltage
(EA OUT, LFB OUT) ................................ –0.3V to 7.7V
Maximum Forced Current
(EA OUT, IA OUT, LFB OUT) ............................ ±20mA
Maximum Forced Voltage
(IA OUT) ................................................. –0.3V to 7.5V
Junction Temperature ............................................. 150°C
Storage Temperature Range...................... –65°C to 150°C
Lead Temperature (Soldering 10 sec.) ..................... 260°C
Thermal Resistance (
qJA)
Plastic PDIP ..................................................... 70°C/W
Plastic SOIC ................................................... 100°C/W
OPERATING CONDITIONS
Temperature Range
ML4832C .................................................. 0°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com