Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML6427CS Datasheet(PDF) 13 Page - Micro Linear Corporation

Part # ML6427CS
Description  75廓 Quad Video Cable Drivers and Filters with Switchable Inputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML6427CS Datasheet(HTML) 13 Page - Micro Linear Corporation

Back Button ML6427CS Datasheet HTML 8Page - Micro Linear Corporation ML6427CS Datasheet HTML 9Page - Micro Linear Corporation ML6427CS Datasheet HTML 10Page - Micro Linear Corporation ML6427CS Datasheet HTML 11Page - Micro Linear Corporation ML6427CS Datasheet HTML 12Page - Micro Linear Corporation ML6427CS Datasheet HTML 13Page - Micro Linear Corporation ML6427CS Datasheet HTML 14Page - Micro Linear Corporation ML6427CS Datasheet HTML 15Page - Micro Linear Corporation ML6427CS Datasheet HTML 16Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ML6427
13
Figure 9. Synchronizing the Filter Delay with Fast Blanking or Alpha-Key Signals in OSD Applications
DQ
OSD
(ON-SCREEN DISPLAY)
PROCESSOR
ML6431
GENLOCK/CLOCK
GENERATOR
ML6427
SCART/QUAD VIDEO
FILTER AND DRIVER
R
G
B
ROUTPUT
GOUTPUT
BOUTPUT
TO MUX OR
OTHER
PROCESSING
UNFILTERED
DELAY AT 13.5MHz IS APPROXIMATELY 74ns
FAST BLANKING INTERVAL
OR ALPHA-KEY SIGNAL
FAST BLANKING
INTERVAL
OR ALPHA-KEY
SIGNAL
13.5MHz/
27MHz
80ns±10ns DELAY
FILTERED
INPUTS
Bank A:
RGB, CV filtered path
Bank B:
RGB, CV filtered path
Other:
CV unfiltered path, Sync IN (slave mode)
Figure 10. Basic Application for PAL
OUTPUTS
Option 1: 2 CV outputs + 2 TV modulator outputs, 1 RGB output
Option 2: 2 CV outputs + 1 TV modulator output, 1 S-video output
Other:
Sync output (buffered stripped sync)
220µF
330pF
VIDEO CABLES
75
CV/Y
MODULATOR
220µF
75
R/Y
220µF
75
G/Y
220µF
75
B/C
H SYNC OUT
OPTIONAL FOR DC COUPLED APPLICATIONS
220µF
75
CV/Y
MODULATOR
CVOUT1/YOUTA
21
CVOUT2/YOUTB
20
ROUT/YOUTC
18
23
24
1
13
14
19
5
17
22
6
GOUT/YOUTD
16
BOUT/COUT
15
CVINFA/Y2
3
GINA/Y6
9
GINB/Y7
10
BINA/C1
11
BINB/C2
12
RINA/Y4
7
RINB/Y5
8
CVINFB/Y3
4
CVINU/Y1
2
SYNCIN
SYNCOUT
SWAP CVF SWAP CVU
A/B MUX
GNDO
VCCORGB VCCOCV
VCC
GND
ML6427
330pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com