Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML65T541 Datasheet(PDF) 2 Page - Micro Linear Corporation

Part # ML65T541
Description  3.3V High Speed Octal Buffer/Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML65T541 Datasheet(HTML) 2 Page - Micro Linear Corporation

  ML65T541 Datasheet HTML 1Page - Micro Linear Corporation ML65T541 Datasheet HTML 2Page - Micro Linear Corporation ML65T541 Datasheet HTML 3Page - Micro Linear Corporation ML65T541 Datasheet HTML 4Page - Micro Linear Corporation ML65T541 Datasheet HTML 5Page - Micro Linear Corporation ML65T541 Datasheet HTML 6Page - Micro Linear Corporation ML65T541 Datasheet HTML 7Page - Micro Linear Corporation ML65T541 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ML65T541
PIN CONFIGURATION
20-Pin QSOP
PIN DESCRIPTION
NAME
I/O
DESCRIPTION
Ai
I
Data Bus A
Bi
O
Data Bus B
OE1 & OE2
I
Output Enable
GND
I
Signal Ground
VCC
I
3.3V supply
ABSOLUTE MAXIMUM RATINGS
VCC ............................................................................... –0.3V to 7V
DC Input voltage ................................ –0.3 to VCC + 0.3V
AC Input voltage (< 20ns) ........................................ –3.0V
DC Output voltage ............................. –0.3 to VCC + 0.3V
Output sink current (per pin) ................................ 120mA
Storage temperature ................................ –65
°C to 150°C
Junction temperature .............................................. 150
°C
Thermal Impedance (
θJA)
SOIC ............................................................... 96
°C/W
QSOP ............................................................ 100
°C/W
TOP VIEW
FUNCTION TABLE
OE1/OE2
AB
HX
Z
LL
L
LH
H
L = Logic Low
H = Logic High
X = Don’t Care
Z = High Impedance
1G
A0
YB0
A1
YB1
A2
YB2
A3
YB3
GND
VCC
2G
YA0
B0
YA1
B1
YA2
B2
YA3
B3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com