Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AR0130CSSC00SPBA0-DR Datasheet(PDF) 15 Page - ON Semiconductor

Part # AR0130CSSC00SPBA0-DR
Description  CMOS Digital Image Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0130CSSC00SPBA0-DR Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AR0130CSSC00SPBA0-DR Datasheet HTML 11Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 12Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 13Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 14Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 15Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 16Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 17Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 18Page - ON Semiconductor AR0130CSSC00SPBA0-DR Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 53 page
background image
AR0130 DS Rev. L Pub. 6/15 EN
15
©Semiconductor Components Industries, LLC, 2015.
AR0130: 1/3-Inch CMOS Digital Image Sensor
Output Data Format
Frame Time
The pixel clock (PIXCLK) represents the time needed to sample 1 pixel from the array.
The sensor outputs data at the maximum rate of 1 pixel per PIXCLK. One row time
(tROW) is the period from the first pixel output in a row to the first pixel output in the
next row. The row time and frame time are defined by equations in Table 4.
Figure 11:
Line Timing and FRAME_VALID/LINE_VALID Signals
Sensor timing is shown in terms of pixel clock cycles (see Figure 8 on page 13). The
recommended pixel clock frequency is 74.25 MHz. The vertical blanking and the total
frame time equations assume that the integration time (coarse integration time plus fine
integration time) is less than the number of active lines plus the blanking lines:
Window Height + Vertical Blanking
(EQ 1)
If this is not the case, the number of integration lines must be used instead to determine
the frame time, (see Table 5). In this example, it is assumed that the coarse integration
time control is programmed with 2000 rows and the fine shutter width total is zero.
For Master mode, if the integration time registers exceed the total readout time, then the
vertical blanking time is internally extended automatically to adjust for the additional
integration time required. This extended value is not written back to the
frame_length_lines register. The frame_length_lines register can be used to adjust
frame-to-frame readout time. This register does not affect the exposure time but it may
extend the readout time.
Table 4:
Frame Time (Example Based on 1280 x 960, 45 Frames Per Second)
Parameter
Name
Equation
Timing at 74.25 MHz
AActive data time
Context A: R0x3008 - R0x3004 + 1
Context B: R0x308E - R0x308A + 1
1280 pixel clocks
= 17.23s
P1
Frame start blanking
6 (fixed)
6 pixel clocks
= 0.08s
P2
Frame end blanking
6 (fixed)
6 pixel clocks
= 0.08s
Q
Horizontal blanking
R0x300C - A
370 pixel clocks
= 4.98s
A+Q (tROW)
Line (Row) time
R0x300C
1650 pixel clocks
= 22.22s
V
Vertical blanking
Context A: (R0x300A-(R0x3006-R0x3002+1)) x (A + Q)
Context B: ((R0x30AA-(R0x3090-R0x308C+1)) x (A + Q)
49,500 pixel clocks
= 666.66s
Nrows x (tROW)
Frame valid time
Context A: ((R0x3006-R0x3002+1)*(A+Q))-Q+P1+P2
Context B: ((R0x3090-R0x308C+1)*(A+Q))-Q+P1+P2
1,583,642 pixel clocks
= 21.33ms
F
Total frame time
V + (Nrows x (A + Q))
1,633,500 pixel clocks
= 22.22ms
P1
A
Q
A
Q
A
P2
Number of pixel clocks
FRAME_VALID
LINE_VALID
...
...
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com