Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS0260 Datasheet(PDF) 28 Page - ON Semiconductor

Part # AS0260
Description  Digital Image Sensor
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AS0260 Datasheet(HTML) 28 Page - ON Semiconductor

Back Button AS0260 Datasheet HTML 24Page - ON Semiconductor AS0260 Datasheet HTML 25Page - ON Semiconductor AS0260 Datasheet HTML 26Page - ON Semiconductor AS0260 Datasheet HTML 27Page - ON Semiconductor AS0260 Datasheet HTML 28Page - ON Semiconductor AS0260 Datasheet HTML 29Page - ON Semiconductor AS0260 Datasheet HTML 30Page - ON Semiconductor AS0260 Datasheet HTML 31Page - ON Semiconductor AS0260 Datasheet HTML 32Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
AS0260 DS Rev. G Pub. 5/15 EN
28
©Semiconductor Components Industries, LLC, 2015.
AS0260: 1/6-Inch 1080P High-Definition (HD) System-On-A-Chip (SOC) Digi-
tal Image Sensor
Gamma Correction
The gamma correction curve (as shown in Figure 22) is implemented as a piecewise
linear function with 19 knee points, taking 12-bit arguments and mapping them to 8-bit
output. The abscissas of the knee points are fixed at 0, 64, 128, 256, 512, 768, 1024, 1280,
1536, 1792, 2048, 2304, 2560, 2816, 3072, 3328, 3584, 3840, and 4096. The 8-bit ordinates
are programmable through variables.
The AS0260 IFP includes a block for gamma correction that has the capability to adjust
its shape, based on brightness, to enhance the performance under certain lighting
conditions.
Two custom gamma correction tables may be uploaded, one corresponding to a contrast
curve for brighter lighting conditions, the other one corresponding to a noise reduction
curve for lower lighting conditions. Also included in this block is a Fade-to Black curve
which sets all knee points to zero and causes the image to go black in extreme low light
conditions.
The AS0260 has the ability to calculate the 19 point knee points based on a small number
of variable inputs from the host, another option is for the host to program one or both of
the 19 knee point curves. The diagram below shows how the gamma feature interacts in
AS0260.
Figure 22:
Gamma Interaction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com