Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASX340AT Datasheet(PDF) 48 Page - ON Semiconductor

Part # ASX340AT
Description  Color CMOS NTSC/PAL Digital Image
PDF  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASX340AT Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ASX340AT Datasheet HTML 44Page - ON Semiconductor ASX340AT Datasheet HTML 45Page - ON Semiconductor ASX340AT Datasheet HTML 46Page - ON Semiconductor ASX340AT Datasheet HTML 47Page - ON Semiconductor ASX340AT Datasheet HTML 48Page - ON Semiconductor ASX340AT Datasheet HTML 49Page - ON Semiconductor ASX340AT Datasheet HTML 50Page - ON Semiconductor ASX340AT Datasheet HTML 51Page - ON Semiconductor ASX340AT Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 75 page
background image
ASX340AT/D Rev. H, 8/15 EN
48
©Semiconductor Components Industries, LLC, 2015.
ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor
Overlay Character Generator
Character Generator Details
Table 24 shows the characters that can be generated.
It is the responsibility of the user to set up proper values in the character positioning to
fit them in the same row (that is one of the reasons that 22 is the maximum number of
characters).
Note:
No error is generated if the character row overruns the horizontal or vertical limits of
the frame.
Full Character Set for Overlay
Figure 28 shows all of the characters that can be generated by the ASX340AT.
Figure 28:
Full Character Set for Overlay
Table 24:
Character Generator Details
Item
Quantity
Description
16-bit character
22
Code for one of these characters: 0, 1, 2, 3, 4, 5, 6, 7, 8, 9, /, (space), :, –, (comma), (period)
1 bpp color
1
Depth of the bit map is 1 bpp
0x0 0x4 0x8 0xC
0x1 0x5 0x9
0x2
0x3
0x6
0x7
0xA
0xB
0xD
0xE
0xF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com