Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT4LC4M4E9DJS Datasheet(PDF) 10 Page - Micron Technology

Part # MT4LC4M4E9DJS
Description  4 MEG x 4 EDO DRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT4LC4M4E9DJS Datasheet(HTML) 10 Page - Micron Technology

Back Button MT4LC4M4E9DJS Datasheet HTML 6Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 7Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 8Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 9Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 10Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 11Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 12Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 13Page - Micron Technology MT4LC4M4E9DJS Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
4 Meg x 4 EDO DRAM
Micron Technology, Inc., reserves the right to change products or specifications without notice.
D47.pm5 – Rev. 3/97
©1997, Micron Technology, Inc.
10
4 MEG x 4
EDO DRAM
TECHNOLOGY, INC.
NOTES
1. All voltages referenced to VSS.
2. The minimum specifications are used only to indicate
cycle time at which proper operation over the full
temperature range (0˚C
≤ TA ≤ 70˚C) is ensured.
3. An initial pause of 100
µs is required after power-up,
followed by eight RAS# refresh cycles (RAS#-ONLY
or CBR with WE# HIGH), before proper device
operation is ensured. The eight RAS# cycle wake-ups
should be repeated any time the tREF refresh
requirement is exceeded.
4. NC pins are assumed to be left floating and are not
tested for leakage.
5. ICC is dependent on output loading and cycle rates.
Specified values are obtained with minimum cycle
time and the outputs open.
6. Column address changed once each cycle.
7. Enables on-chip refresh and address counters.
8. This parameter is sampled. VCC = VCCMIN; f = 1 MHz.
9. AC characteristics assume tT = 2.5ns.
10. VIH (MIN) and VIL (MAX) are reference levels for
measuring timing of input signals. Transition times
are measured between VIH and VIL (or between VIL
and VIH).
11. In addition to meeting the transition rate specifica-
tion, all input signals must transit between VIH and
VIL (or between VIL and VIH) in a monotonic manner.
12. Measured with a load equivalent to two TTL gates
and 100pF; and VOL = 0.8V and VOH = 2V.
13. tWCS, tRWD, tAWD and tCWD are not restrictive
operating parameters. tWCS applies to EARLY
WRITE cycles. tRWD, tAWD and tCWD apply to
READ-MODIFY-WRITE cycles. If tWCS
≥ tWCS
(MIN), the cycle is an EARLY WRITE cycle and the
data output will remain an open circuit throughout
the entire cycle. If tWCS < tWCS (MIN) and tRWD
≥
tRWD (MIN), tAWD
≥ tAWD (MIN) and tCWD ≥
tCWD (MIN), the cycle is a READ-MODIFY-WRITE
and the data output will contain data read from the
selected cell. If neither of the above conditions is met,
the state of data-out is indeterminate. OE# held HIGH
and WE# taken LOW after CAS# goes LOW results in
a LATE WRITE (OE#-controlled) cycle. tWCS, tRWD,
tCWD and tAWD are not applicable in a LATE
WRITE cycle.
14. Requires that tAA and tRAC are not violated.
15. If CAS# is LOW at the falling edge of RAS#, Q will be
maintained from the previous cycle. To initiate a new
cycle and clear the data-out buffer, CAS# must be
pulsed HIGH for tCP.
16. These parameters are referenced to CAS# leading
edge in EARLY WRITE cycles and WE# leading edge
in LATE WRITE or READ-MODIFY-WRITE cycles.
17. If OE# is tied permanently LOW, LATE WRITE or
READ-MODIFY-WRITE operations are not permis-
sible and should not be attempted. Additionally, WE#
must be pulsed during CAS# HIGH time in order to
place I/O buffers in High-Z.
18. LATE WRITE and READ-MODIFY-WRITE cycles
must have both tOD and tOEH met (OE# HIGH
during WRITE cycle) in order to ensure that the
output buffers will be open during the WRITE cycle.
The DQs will provide the previously read data if
CAS# remains LOW and OE# is taken back LOW
after tOEH is met. If CAS# goes HIGH prior to OE#
going back LOW, the DQs will remain open.
19. Requires that tAA and tCAC are not violated.
20. tOFF (MAX) defines the time at which the output
achieves the open circuit condition and is not
referenced to VOH or VOL. It is referenced from the
rising edge of RAS# or CAS#, whichever occurs last.
21. The tRAD (MAX) limit is no longer specified. tRAD
(MAX) was specified as a reference point only. If
tRAD was greater than the specified tRAD (MAX)
limit, then access time was controlled exclusively by
tAA (tRAC and tCAC no longer applied). With or
without the tRAD (MAX) limit, tAA, tRAC and tCAC
must always be met.
22. The tRCD (MAX) limit is no longer specified. tRCD
(MAX) was specified as a reference point only. If
tRCD was greater than the specified tRCD (MAX)
limit, then access time was controlled exclusively by
tCAC (tRAC [MIN] no longer applied). With or
without the tRCD limit, tAA and tCAC must always
be met.
23. Either tRCH or tRRH must be satisfied for a READ
cycle.
24. A HIDDEN REFRESH may also be performed after
a WRITE cycle. In this case, WE# is LOW and
OE# is HIGH.
25. The refresh period is extended from 32ms (2K refresh)
or 64ms (4K refresh) to 128ms (both 2K and 4K
refreshes). For 4K refresh, tRC = 31.25
µs (128ms/
4,096 rows = 31.25
µs) and for 2K refresh, tRC = 62.5µs
(128ms/2,048 rows = 62.5
µs).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com