Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE4407 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4407
Description  SMA Male Right Angle Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4407 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4407 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4407 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4407 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
SMA Male Right Angle Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
Configuration
Connector
SMA Male
Connector Specification
MIL-C-39012
Connector Interface Type
RG188-DS,RG316-DS
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Right Angle
Electrical Specifications
Impedance, Ohms
50
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
0.715 [18.16]
Width/Dia., in [mm]
0.312 [7.92]
Height, in [mm]
0.615 [15.62]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMA Male
Contact Material and Plating
Gold
Contact Plating Specification
MIL-G-45204
Coupling Nut Material and Plating
Brass, Nickel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
5 [0.57]
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4407
PE4407
PE4407 REV
SMA Male Right Angle Connector Clamp/Solder
Attachment For RG188-DS, RG316-DS


Similar Part No. - PE4407

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE44070 PASTERNACK-PE44070 Datasheet
105Kb / 1P
N FEMALE PANEL MOUNT CLAMP ATTACHMENT FOR RG174 RG188& RG316
PE44071 PASTERNACK-PE44071 Datasheet
126Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG401, PE-SR401AL & PE-SR401FL
PE44072 PASTERNACK-PE44072 Datasheet
155Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG402, PE-SR402AL & PE-SR402FL
PE44073 PASTERNACK-PE44073 Datasheet
105Kb / 1P
N FEMALE, PANEL MOUNT, SOLDER/CLAMP ATTACHMENT FOR RG405, PE-SR405AL & PE-SR405FL
PE44074 PASTERNACK-PE44074 Datasheet
203Kb / 2P
N Female Press In Connector Solder Attachment Pin Terminal, .500 inch Diameter
More results

Similar Description - PE4407

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4400 PASTERNACK-PE4400 Datasheet
274Kb / 3P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4399 PASTERNACK-PE4399 Datasheet
294Kb / 2P
SMA Male Connector Clamp/Solder Attachment For RG188-DS, RG316-DS
PE4417 PASTERNACK-PE4417 Datasheet
111Kb / 1P
SMA FEMALE SOLDER ATTACHMENT FOR RG188-DS & RG316-DS
PE4424 PASTERNACK-PE4424 Datasheet
119Kb / 1P
SMA FEMALE BULKHEAD CLAMP ATTACHMENT FOR RG188-DS &RG316-DS`
PE45160 PASTERNACK-PE45160 Datasheet
404Kb / 3P
N Male Right Angle Connector Clamp - Solder Attachment for RG188-DS, RG316-DS
PE4401 PASTERNACK-PE4401 Datasheet
263Kb / 3P
SMA Male Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4402 PASTERNACK-PE4402 Datasheet
259Kb / 3P
SMA Male Connector Solder Attachment For RG188-DS, RG316-DS
PE4408 PASTERNACK-PE4408 Datasheet
285Kb / 3P
SMA Male Right Angle Connector Crimp - Solder Attachment For RG188-DS, RG316-DS
PE4415 PASTERNACK-PE4415 Datasheet
207Kb / 2P
SMA Female Connector Clamp - Solder Attachment For RG188-DS, RG316-DS
PE45185 PASTERNACK-PE45185 Datasheet
365Kb / 3P
Reverse Polarity SMA Male Right Angle Connector Crimp - Solder Attachment for RG188-DS, RG316-DS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com