Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4030AMF-2.5/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM4030AMF-2.5/NOPB
Description  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4030AMF-2.5/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM4030AMF-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LM4030AMF-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LM4030
www.ti.com
SNVS552B – MARCH 2008 – REVISED APRIL 2013
Electrical Characteristics
LM4030-2.5 (VOUT = 2.5V)
Limits in standard type are for TJ = 25°C only, and limits in boldface type apply over the junction temperature (TJ) range of -
40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Unit
VREF
Reverse Breakdown Voltage
ISHUNT = 120µA
2.5
V
Reverse Breakdown Voltage Tolerance (ISHUNT = 120µA)
LM4030A-2.5
(A Grade - 0.05%)
-0.05
0.05
%
LM4030B-2.5
(B Grade - 0.10%)
-0.10
0.10
%
LM4030C-2.5
(C Grade - 0.15%)
-0.15
0.15
%
IRMIN
Minimum Operating Current
120
µA
TC
Temperature Coefficient (3)
LM4030A-2.5
0°C
≤ TJ ≤ + 85°C
10
ppm / °C
-40°C
≤ TJ ≤ +125°C
20
ppm / °C
LM4030B-2.5
-40°C
≤ TJ ≤ +125°C
20
ppm / °C
LM4030C-2.5
-40°C
≤ TJ ≤ +125°C
30
ppm / °C
ΔVREF/ΔISHUNT
Reverse Breakdown Voltage Change
160µA
≤ ISHUNT ≤ 30mA
25
110
ppm / mA
with Current
ΔVREF
Long Term Stability (4)
1000 Hrs, TA = 30°C
40
ppm
VHYST
Thermal Hysteresis (5)
-40°C
≤ TJ ≤ +125°C
75
ppm
VN
Output Noise Voltage (6)
0.1 Hz to 10 Hz
105
µVPP
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Temperature coefficient is measured by the "Box" method; i.e., the maximum
ΔVREF is divided by the maximum ΔT.
(4)
Long term stability is VREF @25°C measured during 1000 hrs. This measurement is taken for IR = 500 µA.
(5)
Thermal hysteresis is defined as the change in +25°C output voltage before and after cycling the device from (-40°C to 125°C) eight
times.
(6)
Low frequency peak-to-peak noise measured using first-order 0.1 Hz HPF and second-order 10 Hz LPF.
Electrical Characteristics
LM4030-4.096 (VOUT = 4.096V)
Limits in standard type are for TJ = 25°C only, and limits in boldface type apply over the junction temperature (TJ) range of -
40°C to +125°C. Minimum and Maximum limits are ensured through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min (1)
Typ (2)
Max (1)
Unit
VREF
Reverse Breakdown Voltage
ISHUNT = 130µA
4.096
V
Reverse Breakdown Voltage Tolerance ( ISHUNT = 130µA)
LM4030A-4.096
(A Grade - 0.05%)
-0.05
0.05
%
LM4030B-4.096
(B Grade - 0.10%)
-0.10
0.10
%
LM4030C-4.096
(C Grade - 0.15%)
-0.15
0.15
%
IRMIN
Minimum Operating Current
130
µA
TC
Temperature Coefficient (3)
LM4030A-4.096
0°C
≤ TJ ≤ + 85°C
10
ppm / °C
-40°C
≤ TJ ≤ +125°C
20
ppm / °C
LM4030B-4.096
-40°C
≤ TJ ≤ +125°C
20
ppm / °C
LM4030C-4.096
-40°C
≤ TJ ≤ +125°C
30
ppm / °C
ΔVREF/ΔILOAD
Reverse Breakdown Voltage Change
160µA
≤ ISHUNT ≤ 30mA
15
95
ppm / mA
with Current
(1)
Limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation using Statistical
Quality Control.
(2)
Typical numbers are at 25°C and represent the most likely parametric norm.
(3)
Temperature coefficient is measured by the "Box" method; i.e., the maximum
ΔVREF is divided by the maximum ΔT.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com