Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4030AMFX-2.5/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4030AMFX-2.5/NOPB
Description  LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4030AMFX-2.5/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM4030AMFX-2.5/NOPB Datasheet HTML 1Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 2Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 3Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 4Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 5Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 6Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 7Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 8Page - Texas Instruments LM4030AMFX-2.5/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2
1
3
5
4
N/C or GND
N/C
+ VREF
N/C
- GND
VREF
VIN
COUT
RZ
IBIAS
ISHUNT
ILOAD
4
5
LM4030
www.ti.com
SNVS552B – MARCH 2008 – REVISED APRIL 2013
LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
Check for Samples: LM4030
1
FEATURES
DESCRIPTION
The LM4030 is an ultra-high precision shunt voltage
2
•
High Output Voltage Accuracy 0.05%
reference, having exceptionally high initial accuracy
•
Low Temperature Coefficient 10 ppm/°C
(0.05%) and temperature stability (10ppm/°C). The
•
Extended Temperature Operation -40-125°C
LM4030 is available with fixed voltage options of 2.5V
and 4.096V. Despite the tiny SOT-23 package, the
•
Excellent Thermal Hysteresis, 75ppm
LM4030
exhibits
excellent
thermal
hysteresis
•
Excellent Long-Term Stability, 40ppm
(75ppm) and long-term stability (40ppm) as well as
•
High Immunity to Board Stress Effects
immunity to board stress effects.
•
Capable of Handling 50 mA Transients
The LM4030 is designed to operate without an
•
Voltage Options 2.5V, 4.096V
external capacitor, but any capacitor up to 10µF may
be used. The LM4030 can be powered off as little as
•
SOT-23 Package
120µA (max) but is capable of shunting up to 30mA
continuously. As with any shunt reference, the
APPLICATIONS
LM4030 can be powered off of virtually any supply
•
Data Acquisition/Signal path
and is a simple way to generate a highly accurate
system reference.
•
Test and Measurement
•
Automotive & Industrial
The LM4030 is available in three grades (A, B, and
C). The best grade devices (A) have an initial
•
Communications
accuracy
of
0.05%
with
ensured
temperature
•
Instrumentation
coefficient of 10 ppm/°C or less, while the lowest
•
Power Management
grade parts (C) have an initial accuracy of 0.15% and
a temperature coefficient of 30 ppm/°C.
Typical Application Circuit
Connection Diagram
SOT-23 Package
(Top View)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4030AMFX-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4030AMFX-2.5/NOPB TI2-LM4030AMFX-2.5/NOPB Datasheet
851Kb / 21P
LM4030 SOT-23 Ultra-High Precision Shunt Voltage Reference
REVISED APRIL 2013
More results

Similar Description - LM4030AMFX-2.5/NOPB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50 Datasheet
261Kb / 14P
Precision 5.0V SOT-23 FGA Voltage Reference
March 15, 2005
logo
National Semiconductor ...
LM4132 NSC-LM4132 Datasheet
863Kb / 15P
SOT-23 Precision Low Dropout Voltage Reference
logo
Intersil Corporation
X60003B-50 INTERSIL-X60003B-50_06 Datasheet
243Kb / 14P
Precision 5.0V SOT-23 FGA??Voltage Reference
May 2, 2006
logo
National Semiconductor ...
LM4132 NSC-LM4132_06 Datasheet
1Mb / 20P
SOT-23 Precision Low Dropout Voltage Reference
LM4030 NSC-LM4030 Datasheet
379Kb / 14P
Ultra-High Precision Shunt Voltage Reference
logo
Texas Instruments
LM4132 TI-LM4132 Datasheet
1Mb / 38P
LM4132 SOT-23 Precision Low Dropout Voltage Reference
LM4128 TI-LM4128_15 Datasheet
990Kb / 33P
SOT-23 Precision Micropower Series Voltage Reference
SM74601 TI1-SM74601 Datasheet
321Kb / 14P
SOT-23 Precision Micropower Series Voltage Reference
LM4128 TI1-LM4128 Datasheet
1Mb / 33P
SOT-23 Precision Micropower Series Voltage Reference
LM4132_016 TI1-LM4132_016 Datasheet
784Kb / 36P
SOT-23 Precision Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com