Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4128AMF-3.0/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM4128AMF-3.0/NOPB
Description  SOT-23 Precision Micropower Series Voltage Reference
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4128AMF-3.0/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4128AMF-3.0/NOPB Datasheet HTML 9Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 10Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 11Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 12Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 13Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 14Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 15Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 16Page - Texas Instruments LM4128AMF-3.0/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
Temperature Range
Voltage
Temperature
VREF_MAX
VREF_MIN
VHYS =
lVREF1 - VREF2l
VREF
x 10
3 mV
-40°C
VREF1
Time
VREF2
25°C
125°C
LM4128, LM4128Q
www.ti.com
SNVS475E – NOVEMBER 2006 – REVISED APRIL 2013
Figure 16. Illustrative Temperature Profile
This may be expressed analytically as the following:
where
•
VHYS = Thermal hysteresis expressed in ppm
•
VREF = Nominal preset output voltage
•
VREF1 = VREF before temperature fluctuation
•
VREF2 = VREF after temperature fluctuation
(2)
The LM4128 features a low thermal hysteresis of 190 µV from -40°C to 125°C.
TEMPERATURE COEFFICIENT
Temperature drift is defined as the maximum deviation in output voltage over the operating temperature range.
This deviation over temperature may be illustrated as shown in Figure 17.
Figure 17. Illustrative Temperature Coefficient Profile
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4128 LM4128Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com