Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5015MHE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015MHE/NOPB
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015MHE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5015MHE/NOPB Datasheet HTML 3Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 4Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 5Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 6Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 7Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 8Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 9Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 10Page - Texas Instruments LM5015MHE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
2
4
6
8
10
12
14
VCC (V)
180
185
190
195
200
205
210
1
10
100
1000
10000
FREQUENCY (kHz)
-10
0
10
20
30
40
50
60
70
-120
-90
-60
-30
0
30
60
90
120
Gain
Phase
-50
0
50
100
150
TEMPERATURE (°C)
190
195
200
205
210
10
100
1000
10
100
1000
RT (k:)
-50
0
50
100
150
TEMPERATURE (°C)
1.1
1.15
1.2
1.25
1.3
VCC = 7V
VCC = 14V
VCC = 4.25V
2
4
6
8
10
12
14
VCC (V)
0.0
1.4
0.2
0.4
0.6
0.8
1.0
1.2
Temperature = 25°C
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
ILIM
vs
ILIM
VCC
vs
vs
VCC
Temperature
Figure 7.
Figure 8.
Fsw
Fsw
vs
vs
RRT
Temperature
Figure 9.
Figure 10.
Fsw
vs
VCC
Error Amplifier Gain/Phase
Figure 11.
Figure 12.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com