Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5015MHX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM5015MHX/NOPB
Description  High Voltage Monolithic Two-Switch Forward DC-DC Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5015MHX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5015MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 10Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 11Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 12Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 13Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 14Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 15Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 16Page - Texas Instruments LM5015MHX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LM5015
www.ti.com
SNVS538C – NOVEMBER 2007 – REVISED APRIL 2013
Power MOSFETs
The LM5015 switching regulator includes two N-Channel MOSFETs each with 450 m
Ω nominal on-resistance.
The drain of the high side MOSFET is the PVIN pin, and the source the HO pin. The drain of the low side
MOSFET is the LO pin, and the source is internally connected to the PGND pin via the 42 m
Ω internal current
sense resistor. The on-resistance of the LM5015 MOSFETs varies with temperature as shown in the Typical
Performance Characteristics graph. The typical gate charge for each MOSFETs is 4.5 nC which is supplied from
the VCC and BST pins, respectively, when the MOSFETs are turned on.
The maximum duty cycle of the power MOSFETs is limited less than 50%. This is achieved by an oscillator
divide-by-two circuit with an additional 50 ns of forced off-time introduced between the CLK and RS Flip-Flop.
Consequently, the maximum duty cycle is limited by the following equation:
DutyMax_Limit=(0.5 - 50 ns x FSW) x 100%
where
•
FSW is the switching frequency in Hertz (Hz)
(2)
The purpose of limiting the maximum duty cycle less than 50% is to ensure successful reset of the power
transformer in the Two-Switch Forward converter topology. See Application Information below for more detail.
Application Information
The following information is intended to provide guidelines for the power supply designer using the LM5015.
TWO-SWITCH FORWARD TOPOLOGY
Two-Switch Forward converter, like the conventional Single-Switch Forward converter, is derived from the Buck
converter topology. The main difference between a Forward converter and a Buck is that a power transformer is
introduced in the forward converter. The transformer realizes the input-output isolation, and the turns ratio
provides a means to optimize the duty cycle for the particular input and output voltage requirements of the
application.
The Two-Switch Forward converter employs two power MOSFET switches instead of the one switch of the
Single-Switch Forward converter. However the two-switch approach offers two major advantages over its single-
switch counterpart:
1. The voltage across the power MOSFET switches in a Two-Switch Forward converter is clamped to the input
voltage, allowing the input voltage range to approach the rating of the MOSFETs. Whereas, the maximum
operating voltage of a Single-Switch Forward converter is typically limited to half the MOSFET voltage rating.
2. The power transformer of a Two-Switch Forward converter is simpler, and hence costs less, than that of a
Single-Switch Forward converter, because the Two-Switch converter transformer eliminates the tertiary reset
winding that is normally required in the Single-Switch converter.
Figure 16 illustrates the Two-Switch Forward converter topology. The power circuit consists of an input capacitor
CIN, two MOSFET switches QH and QL, two clamp diodes DH and DL, a power transformer T1, two rectifier diodes
D1 and D2, an output inductor LO, and an output capacitor Co. Since the LM5015 integrates both QH and QL, a
low cost Two-Switch Forward converter can be realized without a need for discrete power MOSFETs. With a
slightly higher cost, the two rectifier diodes D1 and D2 on the secondary side of the power transformer can be
replaced with synchronous rectifier MOSFETs to improve efficiency in applications with relatively low output
voltage.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com