Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM5025CMTC/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM5025CMTC/NOPB
Description  LM5025C Active Clamp Voltage Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5025CMTC/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5025CMTC/NOPB Datasheet HTML 5Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 6Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 7Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 8Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 9Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 10Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 11Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 12Page - Texas Instruments LM5025CMTC/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
-40
25
75
125
TEMPERATURE (
oC)
80
90
100
110
120
130
140
0
20
40
60
80
100
120
RSET (k:)
0
50
100
150
200
250
300
350
400
LM5025C
www.ti.com
SNVS568C – SEPTEMBER 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Dead Time vs Temperature
Dead Time vs RSET
RSET = 29.5K
Figure 9.
Figure 10.
SS Pin Current vs Temperature
Figure 11.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM5025C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com