Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM25115AMTX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM25115AMTX/NOPB
Description  LM25115A Secondary Side Post Regulator/DC-DC Converter with Power-Up/Power-Down Tracking
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM25115AMTX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM25115AMTX/NOPB Datasheet HTML 10Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 11Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 12Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 13Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 14Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 15Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 16Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 17Page - Texas Instruments LM25115AMTX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
VOUT1
VOUT2
3.3V
2.5V
2.5V
LM25115A
SNVS501B – FEBRUARY 2007 – REVISED APRIL 2013
www.ti.com
Figure 17.
Vphase = 10V
CH1 = Master output, 1V/Div
CH2 = COMP, 5/Div
CH3 = Iout, 1A/Div
CH4 = SSPR Output (Slave), 1V/Div
Horizontal Resolution= 200 µs/Div
Figure 18. Tracking with Equal Slew Rate
Leading Edge Pulse Width Modulation
Unlike conventional voltage mode controllers, the LM25115A implements leading edge pulse width modulation. A
current source equal to 3 times the ISYNC current is used to charge the capacitor connected to the RAMP pin as
shown in Figure 19. The ramp signal and the output of the error amplifier (COMP) are combined through a
resistor network to produce a voltage ramp with variable dc offset (CRMIX in Figure 19). The high-side MOSFET
which drives the HS pin is held in the off state at the beginning of the phase signal. When the voltage of CRMIX
exceeds the internal threshold voltage CV, the PWM comparator turns on the high-side MOSFET. The HS pin
rises and the MOSFET delivers current from the main converter phase signal to the output of the auxiliary
regulator. The PWM cycle ends when the phase signal falls and power is no longer supplied to the drain of the
high-side MOSFET.
Leading edge modulation of the auxiliary PWM controller is required if the main converter uses peak current
mode control. If trailing edge modulation were used, the additional load on the transformer secondary from the
auxiliary channel would be drawn only during the first portion of the phase signal pulse. Referring to Figure 20,
the turn-off of the high- side MOSFET of the auxiliary regulator would create a non-monotonic negative step in
the transformer current. This negative current step would produce instability in a peak current mode controller.
With leading edge modulation, the additional load presented by the auxiliary regulator on the transformer
secondary will be present during the latter portion of the phase signal. This positive step in the phase signal
current can be accommodated by a peak current mode controller without instability.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM25115A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com