Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP62S16256F-I Datasheet(PDF) 13 Page - AMIC Technology

Part # LP62S16256F-I
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256F-I Datasheet(HTML) 13 Page - AMIC Technology

Back Button LP62S16256F-I_15 Datasheet HTML 6Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 7Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 8Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 9Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 10Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 11Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 12Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 13Page - AMIC Technology LP62S16256F-I_15 Datasheet HTML 14Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
LP62S16256F-I Series
(March, 2007, Version 1.0)
12
AMIC Technology, Corp.
Package Information
TSOP 44L TYPE II Outline Dimensions
unit: inches/mm
44
1
D
L1
L
S
B
e
y
L1
L
23
22
Symbol
Dimension in inch
Dimension in mm
Min.
Nom.
Max.
Min.
Nom.
Max.
A
-
-
0.047
-
-
1.20
A1
0.002
-
-
0.05
-
-
A2
0.037
0.039
0.041
0.95
1.00
1.05
B
0.010
0.014
0.018
0.25
0.35
0.45
c
-
0.006
-
-
0.15
-
D
0.721
0.725
0.729
18.31
18.41
18.51
E
0.396
0.400
0.404
10.06
10.16
10.26
e
-
0.031
-
-
0.80
-
HE
0.455
0.463
0.471
11.56
11.76
11.96
L
0.016
0.020
0.024
0.40
0.50
0.60
L1
-
0.031
-
-
0.80
-
S
-
-
0.036
-
-
0.93
y
-
-
0.004
-
-
0.10
θ
0
°
-
5
°
0
°
-
5
°
Notes:
1. Dimension D&E do not include interlead flash.
2. Dimension B does not include dambar protrusion/intrusion.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com