Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3585 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N3585
Description  5 Amp, 500V, High Voltage NPN Silicon Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N3585 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N3585 Datasheet HTML 1Page - Microsemi Corporation 2N3585 Datasheet HTML 2Page - Microsemi Corporation 2N3585 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MSC1057.PDF 05-19-99
2N3585
ELECTRICAL CHARACTERISTICS:
ELECTRICAL CHARACTERISTICS:
(25
°°Case Temperature Unless Otherwise Noted)
VALUE
SYMBOL
CHARACTERISTIC
TEST CONDITIONS
Min.
Max.
Units
VCEO(sus)*
Collector-Emitter
Sustaining Voltage
IC = 0.2 Amp (Notes 1 and 2)
300
----
Volts
VCER(sus)
Collector-Emitter
Sustaining Voltage
IC = 0.2A, RBE = 50Ω
Ω (Notes 1 and 2)
400
----
Volts
ICEV*
Collector Cutoff Current
VCE = 450V, VBE = -1.5V
----
1.0
mA.
ICEV*
Collector Cutoff Current
TC = 150°°C
VCE = 300V, VBE = -1.5V
----
3.0
mA.
ICEO*
Collector Cutoff Current
VCE = 150V, IB = 0
----
5.0
mA.
IEB0*
Emitter Cutoff Current
VEB = 6V, IC = 0
----
0.5
mA.
hFE*
DC Forward Current
Transfer Ratio
(Note 1)
IC = 0.1A, VCE = 10V
IC = 1.0A, VCE = 10V
IC = 1.0A, VCE = 2V
40
25
8
----
100
80
----
----
----
VCE(sat)*
Collector-Emitter
Saturation Voltage
(Note 1)
IC = 1.0A, IB = 0.125A
----
0.75
Volts
VBE(sat)*
Base-Emitter Saturation
Voltage (Note 1)
IC = 1.0A, IB = 0.10A
----
1.4
Volts
IS/b
Second-Breakdown
Collector Current (with
base forward biased)
VCE = 100V, t = 1.0sec.
0.35
----
A
ES/b*
Second-Breakdown
Energy (with base
reverse biased)
VEB = 4V, RBE = 20Ω
Ω , L = 100µµh
200
----
µµJ
hfe*
Common-Emitter Small-
Signal Forward Current
Transfer Ratio
VCE = 10V, IC = 0.2A, f = 5 MHz
3
----
----
I hfe I*
Common-Emitter Small-
Signal Forward Current
Transfer Ratio, f = 5 MHz
VCE = 10V, IC = 0.2A
2.0
----
----
COb
Collector-Base
Capacitance
VCB = 10V, IE = 0, f = 1.0MHz
----
120
pf
tr*
Rise Time
IC = 1.0A, IB2 = 0.10A
----
3.0
µµsec.
ts*
Storage Time
IC = 1.0A, IB1 = IB2 = 0.10A
----
4.0
µµsec.
tf*
Fall Time
IC = 1.0A, IB1 = IB2 = 0.10A
----
3.0
µµsec.
Note 1: Pulse Test: Pulse width = 300
µµSec., Rep. Rate 60Hz.
Note 2: Caution - Do not use Curve Tracer.
* Indicates JEDEC registered data.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com