Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SSF2N60 Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # SSF2N60
Description  600V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2N60 Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  SSF2N60_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 6Page - GOOD-ARK Electronics SSF2N60_15 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SSF2N60
600V N-Channel MOSFET
www.goodark.com
Page 4 of 7
Rev.1.0
Typical Electrical and Thermal Characteristics
Figure 2. Gate to source cut-off voltage
Figure 1: Typical Output Characteristics
Figure 3. Drain-to-Source Breakdown Voltage vs.
Temperature
Figure 4: Normalized On-Resistance Vs. Case
Temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com