Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND035VX-UHB-LED Datasheet(PDF) 6 Page - Purdy Electronics Corporation

Part # AND035VX-UHB-LED
Description  Ultra High Bright TFT LCD Color Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND035VX-UHB-LED Datasheet(HTML) 6 Page - Purdy Electronics Corporation

  AND035VX-UHB-LED Datasheet HTML 1Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 2Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 3Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 4Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 5Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 6Page - Purdy Electronics Corporation AND035VX-UHB-LED Datasheet HTML 7Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Displays
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com
06/07/10
6
Input/Output Terminals
J12: Output to Panel Signal Terminal (50FPC)
J4: Outside Signal Input Terminal (14 pin)
J5: Control Signal Input Terminal (10 pin)
J3: Video 2 Input Terminal (2 pin) (Optional)
J4: Outside Signal Input Terminal
Connector: Molex 53261-1471 or compatible
Pin No.
Symbol
Function
Input/Output
Remarks
1
GND
Ground
I
2
VSYNC
VSYNC input for RGB input
I
3
HSYNC
HSYNC input for RGB input
I
4
GND
Ground
I
5
B
Video BLUE input
I
6
G
Video GREEN input
I
7
R
Video RED input
I
8
GND
Ground
I
9
S-C
S-video Chroma input
I
10
S-Y
S-video luma input
I
11
VIDEO1
Composite Video 1
I
12
GND
Ground
I
13
GND
Ground
I
14
VCC
5V
I
4.8V - 5.2V
J5: Control Signal Input/Output Terminal
Connector: Molex 53261-1071 or compatible
Pin No.
Symbol
Function
Input/Output
Remarks
1
LED
Red Lamp
O
2
LED
Green Lamp
O
3
SENSOR
Remote Sensor
I
4
GND
Ground
I
5
3.3V
+3.3V
O
6
ON/OFF
Power On/Off
I
7
MENU
Menu
I
8
DOWN
Down
I
9
UP
Up
I
10
ENTER
Enter
I
J5: Control Signal Input/Output Terminal
Connector: Molex 53261-1071 or compatible
Pin No.
Symbol
Function
Input/Output
Remarks
1
GND
Ground
I
2
VIDEO2
Composite Video 2
I
AND035VX-UHB-LED
Ultra High Bright TFT LCD Color Module



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com