Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AND-TFT-104LP Datasheet(PDF) 4 Page - Purdy Electronics Corporation

Part # AND-TFT-104LP
Description  Digital TFT LCD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND-TFT-104LP Datasheet(HTML) 4 Page - Purdy Electronics Corporation

  AND-TFT-104LP Datasheet HTML 1Page - Purdy Electronics Corporation AND-TFT-104LP Datasheet HTML 2Page - Purdy Electronics Corporation AND-TFT-104LP Datasheet HTML 3Page - Purdy Electronics Corporation AND-TFT-104LP Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
This technical specification is subject to change without notice
Accessories (Option)
Before you begin installing the KIT, please make sure that the following materials have been shipped:
A. AC to DC Adapter (L:1500mm,100-240VAC 50-60Hz to +12VDC @ 3.3A,ψ2.1)
B. Power Cord (L:1800mm, Plug Type B for USA)
C. HDMI Cable (L:2000mm)
D. DVI Cable (L:1800mm)
E. VGA Cable (L:1600mm)
F. USB Cable (L:1800mm)
G. RS-232 Cable (L:1800mm,
Null Modem)
H. AUDIO Cable (L:1800mm)
I. Touch Screen Driver CD Disk / User Manual
J. Speaker (2.5W @ 4Ω L:400mm *2 Pieces)
Displays
Purdy Electronics Corporation • 755 North Pastoria Avenue • Sunnyvale, CA 94085-2918
Tel: 408-523-8200 • Fax: 408-733-1287 • sales@purdyelectronics.com •
www.purdyelectronics.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com