Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1232LPF Datasheet(PDF) 1 Page - ON Semiconductor

Part # ASM1232LPF
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPF Datasheet(HTML) 1 Page - ON Semiconductor

  ASM1232LPF Datasheet HTML 1Page - ON Semiconductor ASM1232LPF Datasheet HTML 2Page - ON Semiconductor ASM1232LPF Datasheet HTML 3Page - ON Semiconductor ASM1232LPF Datasheet HTML 4Page - ON Semiconductor ASM1232LPF Datasheet HTML 5Page - ON Semiconductor ASM1232LPF Datasheet HTML 6Page - ON Semiconductor ASM1232LPF Datasheet HTML 7Page - ON Semiconductor ASM1232LPF Datasheet HTML 8Page - ON Semiconductor ASM1232LPF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2011
August, 2011 − Rev. 3
1
Publication Order Number:
ASM1232LP/D
ASM1232LP, ASM1232LPS
5 V mP Power Supply
Monitor and Reset Circuit
Description
The ASM1232LP/LPS is a fully integrated microprocessor
Supervisor. It can halt and restart a “hung−up” microprocessor, restart
a microprocessor after a power failure. It has a watchdog timer and
external reset override.
A precision temperature−compensated reference and comparator
circuits monitor the 5 V, VCC input voltage status. During power−up or
when the VCC power supply falls outside selectable tolerance limits,
both RESET and RESET become active. When VCC rises above the
threshold voltage, the reset signals remain active for an additional
250 ms minimum, allowing the power supply and system
microprocessor to stabilize. The trip point tolerance signal, TOL,
selects the trip level tolerance to be either 5% or 10%.
Each device has both a push−pull, active HIGH reset output and an
open drain active LOW reset output. A debounced manual reset input,
PBRST, activates the reset outputs for a minimum period of 250 ms.
There is a watchdog timer to stop and restart a microprocessor that is
“hung−up”. The watchdog timeouts periods are selectable: 150 ms,
610 ms and 1200 ms. If the ST input is not strobed LOW before the
time−out period expires, a reset is generated.
Devices are available in 8−pin DIP, 16−pin SO and compact 8−pin
MicroSO packages.
Features
5 V Supply Monitor
Selectable Watchdog Period
Debounce Manual Push−button Reset Input
Precision Temperature−compensated Voltage Reference and
Comparator
Power−up, Power−down and Brown Out Detection
250 ms Minimum Reset Time
Active LOW Open Drain Reset Output and Active HIGH Push−pull
Output
Selectable Trip Point Tolerance: 5% or 10%
Low−cost Surface Mount Packages: 8−pin/16−pin SO, 8−pin DIP and
8−pin Micro SO Packages
Wide Operating Temperature −40°C to +85°C (N Suffixed Devices)
Applications
Microprocessor Systems
Computers
Controllers
Portable Equipment
Intelligent Instruments
Automotive Systems
http://onsemi.com
PIN CONFIGURATIONS
See detailed ordering and shipping information in the package
dimensions section on page 12 of this data sheet.
ORDERING INFORMATION
PDIP−8
P SUFFIX
CASE 646AA
SOIC−8
S SUFFIX
CASE 751BD
PBRST
TD
TOL
GND
VCC
ST
RESET
RESET
1
DIP/SO/MicroSO
(Top View)
MICRO−8
U SUFFIX
CASE 846AA
SO
(Top View)
1
SOIC−16
S SUFFIX
CASE 751BG
NC
VCC
NC
ST
NC
RESET
NC
RESET
NC
PBRST
NC
TD
NC
TOL
NC
GND


Similar Part No. - ASM1232LPF

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM1232LPF ALSC-ASM1232LPF Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LPF PULSECORE-ASM1232LPF Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
More results

Similar Description - ASM1232LPF

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IIMP1832 IMP-IIMP1832 Datasheet
109Kb / 7P
3.3V 關P Power Suppl Monitor and Reset Circuit
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX7705 MAXIM-MAX7705 Datasheet
69Kb / 8P
關P Power-Supply Monitor with Reset
Rev 0; 6/93
logo
Alliance Semiconductor ...
ASM1832 ALSC-ASM1832 Datasheet
259Kb / 9P
3.3V UP Power Supply Monitor and Reset Circuit
ASM1232LP ALSC-ASM1232LP Datasheet
276Kb / 10P
5V uP Power Supply Monitor and Reset Circuit
logo
Catalyst Semiconductor
CAT1232LP CATALYST-CAT1232LP Datasheet
117Kb / 9P
5V and 3.3V Supply Voltage Monitor and Reset Circuit
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
5V 關P Power Supply Monitor and Reset Circuit
ASM1832 PULSECORE-ASM1832 Datasheet
202Kb / 9P
3.3V 關P Power Supply Monitor and Reset Circuit
logo
ON Semiconductor
ASM1832 ONSEMI-ASM1832 Datasheet
163Kb / 9P
Power Supply Monitor and Reset Circuit
August, 2011 ??Rev. 3
logo
Maxim Integrated Produc...
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com