Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ASM1232LPUNF Datasheet(PDF) 12 Page - ON Semiconductor

Part # ASM1232LPUNF
Description  5 V P Power Supply Monitor and Reset Circuit
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM1232LPUNF Datasheet(HTML) 12 Page - ON Semiconductor

Back Button ASM1232LPUNF Datasheet HTML 4Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 5Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 6Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 7Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 8Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 9Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 10Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 11Page - ON Semiconductor ASM1232LPUNF Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
ASM1232LP, ASM1232LPS
http://onsemi.com
12
Table 4. ORDERING INFORMATION
Part Number (Note 6)
Package
Operating
Temperature
Range
Maximum
Supply
Current (mA)
Voltage
Monitoring
Application
Package Marking
TIN−LEAD DEVICES
ASM1232LP
8L PDIP
0°C to +70°C
30
5 V
ASM1232LP
ASM1232LPN
8L PDIP
−40°C to +85°C
30
5 V
ASM1232LPN
ASM1232LPS
16L SOIC
0°C to +70°C
30
5 V
ASM1232LPS
ASM1232LPS−2
8L SOIC
0°C to +70°C
30
5 V
ASM1232LPS−2
ASM1232LPSN
16L SOIC
−40°C to +85°C
30
5 V
ASM1232LPSN
ASM1232LPSN−2
8L SOIC
−40°C to +85°C
30
5 V
ASM1232LPSN−2
ASM1232LPU
8L MSOP
0°C to +70°C
30
5 V
ASM1232LP
ASM1232LPUN
8L MSOP
−40°C to +85°C
30
5 V
ASM1232LPN
LEAD FREE DEVICES
ASM1232LPF
8L PDIP
0°C to +70°C
30
5 V
ASM1232LPF
ASM1232LPNF
8L PDIP
−40°C to +85°C
30
5 V
ASM1232LPNF
ASM1232LPS−2F
8L SOIC
0°C to +70°C
30
5 V
ASM1232LPS−2F
ASM1232LPSF
16L SOIC
0°C to +70°C
30
5 V
ASM1232LPSF
ASM1232LPSN−2F
8L SOIC
−40°C to +85°C
30
5 V
ASM1232LPSN−2F
ASM1232LPSNF
16L SOIC
−40°C to +85°C
30
5 V
ASM1232LPSNF
ASM1232LPUF
8L MSOP
0°C to +70°C
30
5 V
ASM1232LPF
ASM1232LPUNF
8L MSOP
−40°C to +85°C
30
5 V
ASM1232LPNF
6. For parts to be packed in Tape and Reel, add “−T” at the end of the part number.
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
ASM1232LP/D
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com