Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FS28-040-C2 Datasheet(PDF) 1 Page - TRIAD MAGNETICS

Part # FS28-040-C2
Description  CLASS 2/3 TRANSFORMER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIAD [TRIAD MAGNETICS]
Direct Link  http://www.triadmagnetics.com
Logo TRIAD - TRIAD MAGNETICS

FS28-040-C2 Datasheet(HTML) 1 Page - TRIAD MAGNETICS

  FS28-040-C2 Datasheet HTML 1Page - TRIAD MAGNETICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLASS 2/3 TRANSFORMER
www.TriadMagnetics.com
Phone: (951) 277-0757
Fax: (951) 277-2757
460 Harley Knox Blvd.
Perris, CA
92571
Publish Date: December 4, 2013
FS28-040-C2
Description:
The FS28-040-C2 is a series/parallel primary and dual secondary, split bobbin
design which operates with either a parallel input of 115V or a series input of 230V.
The secondaries are 14V @ 0.04A each. They can be used independently (up to
300V difference between them) or in series for double the voltage or in parallel for
double the current. The split bobbin design eliminates the need for costly
electrostatic shielding.
Electrical Specifications (@25C)
1. Maximum Power: 1.1VA
2. Primary: Series: 230V; Parallel: 115V
3. Secondaries: 14.0V @ 0.04A each
4. Voltage Regulation: 25% TYP @ full load to no load
5. Temperature Rise: 25C TYP
6. Hipot tested 100% at 4200 VRMS pri to sec
7. Hipot tested 100% at 2160 VRMS sec to sec
8. Inherently Limited. No fusing required.
Construction:
Three flange bobbin construction with primaries and secondaries wound side by
side for low capacitive coupling. UL Class F Insulation System (155°C).
Agency File:
UL: File E65390, UL 5085-1 & 3 (1585), Class 2 not wet / Class 3 wet Transformer
cUL: File E65390, UL 5085-1 & 3 (1585) For Canadian Use (CSA 22.2, No.66.3-06)
TUV Certificate No.: R72120839, EN61558, Safety Isolating xfmr, general use
Dimensions:
Units in inches.
H
W
L
A
B
C
D
E
F
0.937
1.125
1.375
0.250
0.250
1.200
0.041
0.020
0.234
Weight: 0.17 lbs
Schematic:
RoHS Compliance: As of manufacturing date February 2005, all standard products meet
the requirements of 2011/65/EU, known as the RoHS initiative.
Note: Order and shipping documentation may have a “-B” suffix; this indicates Bulk
packaging but does not show on the actual part number marked on the transformer.
* Upon printing, this document is considered “uncontrolled”. Please contact Triad Magnetics’
website for the most current version.
12
3
4
L
H
W
E
A
B
A
C
0.06" DIAMETER
HOLE
D
F
1
5
8
4
Board Layout
5
PARALLEL
4
3
2
1
14V @ 0.04A
4
3
2
1
SERIES
115V
50/60Hz
6
7
8
1
2
3
4
14V @ 0.04A
230V
50/60Hz


Similar Part No. - FS28-040-C2

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
FS28-040 TRIAD-FS28-040 Datasheet
48Kb / 1P
FS28-040
logo
List of Unclassifed Man...
FS28-040 ETC2-FS28-040 Datasheet
136Kb / 2P
Power Transformers
logo
TRIAD MAGNETICS
FS28-040 TRIAD-FS28-040_13 Datasheet
89Kb / 1P
PC MOUNT : SPLIT PACK
More results

Similar Description - FS28-040-C2

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
F16-400-C2 TRIAD-F16-400-C2 Datasheet
50Kb / 1P
CLASS 2/3 TRANSFORMER
F20-300-C2 TRIAD-F20-300-C2 Datasheet
50Kb / 1P
CLASS 2/3 TRANSFORMER
F20-1800-C2 TRIAD-F20-1800-C2 Datasheet
48Kb / 1P
CLASS 2/3 TRANSFORMER
F24-045-C2 TRIAD-F24-045-C2 Datasheet
49Kb / 1P
CLASS 2/3 TRANSFORMER
F24-100-C2 TRIAD-F24-100-C2 Datasheet
48Kb / 1P
CLASS 2/3 TRANSFORMER
F24-1500-C2 TRIAD-F24-1500-C2 Datasheet
48Kb / 1P
CLASS 2/3 TRANSFORMER
F28-200-C2 TRIAD-F28-200-C2 Datasheet
48Kb / 1P
CLASS 2/3 TRANSFORMER
FS20-300-C2 TRIAD-FS20-300-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
FS24-1500-C2 TRIAD-FS24-1500-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
FS28-200-C2 TRIAD-FS28-200-C2 Datasheet
56Kb / 1P
CLASS 2/3 TRANSFORMER
More results


Html Pages

1