Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP0202AT Datasheet(PDF) 21 Page - ON Semiconductor

Part # AP0202AT
Description  High-Dynamic Range Image Signal Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AP0202AT Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AP0202AT Datasheet HTML 17Page - ON Semiconductor AP0202AT Datasheet HTML 18Page - ON Semiconductor AP0202AT Datasheet HTML 19Page - ON Semiconductor AP0202AT Datasheet HTML 20Page - ON Semiconductor AP0202AT Datasheet HTML 21Page - ON Semiconductor AP0202AT Datasheet HTML 22Page - ON Semiconductor AP0202AT Datasheet HTML 23Page - ON Semiconductor AP0202AT Datasheet HTML 24Page - ON Semiconductor AP0202AT Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
AP0202AT/D Rev. 4, Pub. 9/15 EN
21
©Semiconductor Components Industries, LLC, 2015.
AP0202AT: Image Signal Processor (ISP)
Image Flow Processor
Advance
Image Flow Processor
Image and color processing in the AP0202AT is implemented as an image flow processor
(IFP) coded in hardware logic. During normal operation, the embedded microcontroller
will automatically adjust the operating parameters. For normal operation of the
AP0202AT, streams of raw image data from the attached image sensor are fed into the
color pipeline. The AP0202AT also has the option to select from a number of test
patterns to be input instead of sensor data.
Defect Correction
Image stream processing commences with the defect correction function immediately
after data decompanding.
To obtain defect free images, the pixels marked defective during sensor readout and the
pixels determined defective by the defect correction algorithms are replaced with values
derived from the non-defective neighboring pixels.
AdaCD (Adaptive Color Difference)
The next step in the image stream process is noise reduction. The AP0202AT uses a noise
reduction filter called AdaCD which focuses on removing color noise while preserving
edge details. Automotive applications require good performance in extremely low light,
even at high temperature conditions. In these stringent conditions the image sensor is
prone to higher noise levels, and so efficient noise reduction techniques are required to
circumvent this sensor limitation and deliver a high quality image.
Black Level Subtraction and Digital Gain
After noise reduction, the pixel data goes through black level subtraction and multiplica-
tion by a programmable digital gain. Independent color channel digital gain can be
adjusted with registers. Black level subtraction (to compensate for sensor data pedestal)
is a single value applied to all color channels. If the black level subtraction produces a
negative result for a particular pixel, the value of this pixel is set to 0.
Positional Gain Adjustments (PGA)
Lenses tend to produce images whose brightness is significantly attenuated near the
edges. There are also other factors causing fixed pattern signal gradients in images
captured by image sensors. The cumulative result of all these factors is known as image
shading. The AP0202AT has an embedded shading correction module that can be
programmed to counter the shading effects on each individual R, Gb, Gr, and B color
signal.
The Correction Function
The correction functions can then be applied to each pixel value to equalize the
response across the image as follows:
(EQ 1)
where P are the pixel values and f is the color dependent correction functions for each
color channel.
Pcorrected row, col

Psensor row, col
 f(row, col)
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com