Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LX1664CD Datasheet(PDF) 16 Page - Microsemi Corporation

Part # LX1664CD
Description  DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1664CD Datasheet(HTML) 16 Page - Microsemi Corporation

Back Button LX1664CD Datasheet HTML 9Page - Microsemi Corporation LX1664CD Datasheet HTML 10Page - Microsemi Corporation LX1664CD Datasheet HTML 11Page - Microsemi Corporation LX1664CD Datasheet HTML 12Page - Microsemi Corporation LX1664CD Datasheet HTML 13Page - Microsemi Corporation LX1664CD Datasheet HTML 14Page - Microsemi Corporation LX1664CD Datasheet HTML 15Page - Microsemi Corporation LX1664CD Datasheet HTML 16Page - Microsemi Corporation LX1664CD Datasheet HTML 17Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
DUAL OUTPUT PWM CONTROLLERS WITH 5-BIT DAC
LX1664/64A, LX1665/65A
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.2 11/99
16
P RODUCTION D ATA S HEET
LAYOUT GUIDELINES - THERMAL DESIGN
A great deal of time and effort were spent optimizing the thermal
design of the demo boards. Any user who intends to implement
an embedded motherboard would be well advised to carefully
read and follow these guidelines. If the FET switches have been
carefully selected, external heatsinking is generally not required.
However, this means that copper trace on the PC board must now
be used. This is a potential trouble spot; as much copper area as
possible must be dedicated to heatsinking the FET switches, and
the diode as well if a non-synchronous solution is used.
In our VRM module, heatsink area was taken from internal
ground and V
CC planes which were actually split and connected
with VIAS to the power device tabs. The TO-220 and TO-263
cases are well suited for this application, and are the preferred
packages. Remember to remove any conformal coating from all
exposed PC traces which are involved in heatsinking.
General Notes
As always, be sure to provide local capacitive decoupling close to
the chip. Be sure use ground plane construction for all high-
frequency work. Use low ESR capacitors where justified, but be
alert for damping and ringing problems. High-frequency designs
demand careful routing and layout, and may require several
iterations to achieve desired performance levels.
Power Traces
To reduce power losses due to ohmic resistance, careful consid-
eration should be given to the layout of traces that carry high
currents. The main paths to consider are:
I Input power from 5V supply to drain of top MOSFET.
I Trace between top MOSFET and lower MOSFET or Schottky
diode.
I Trace between lower MOSFET or Schottky diode and
ground.
I Trace between source of top MOSFET and inductor, sense
resistor and load.
FIGURE 15 — Power Traces
Output
Input
5V or 12V
LX166x
3.3
12
10
3.30
3.2
11.3
10
3.20
3.1
11.3
10.7
3.08
3.0
11
11
3.00
2.9
10.3
11
2.90
2.8
10
11.5
2.80
2.7
10
12.4
2.71
2.6
10
13.7
2.59
2.5
9.76
14.7
2.50
2.4
8.87
14.7
2.41
2.3
8.87
16.5
2.31
2.2
8.87
18.7
2.21
2.1
8.87
22.1
2.10
2.0
8.87
26.7
2.00
1.9
8.87
21
2.13
1.8
7.15
35.7
1.80
1.7
7.15
53.6
1.70
1.6
7.15
100
1.61
1.5
7.15
∞
1.50
Nominal
Set Point (V)
R
5 (kΩ
Ω
Ω
Ω
Ω)R
6 (kΩ
Ω
Ω
Ω
Ω)V
OUT (V)
TABLE 6 -
Resistors Settings for Linear Regulator Output Voltage
USING THE LX1664/65 DEVICES
LINEAR REGULATOR (continued)
Capacitor Selection
Referring to the Product Highlight schematic on the front page, the
standard value to use as the linear regulator stage output capacitor
is on the order of 330µF. This provides sufficient hold-up for all
expected transient load events in memory and I/O circuitry.
Disabling Linear Output
Linear regulator output can be disabled by pulling feedback pin
(L
FB) up to 5V as shown in Figure 14.
FIGURE 14 — Enabling Linear Regulator
L
DRV
LX1664
10
9
L
FB
Supply Voltage
For I/O Chipset
Q
4
IRLZ44
R
5
R
6
C
7
330µF
C
9
330µF
LIN EN
10k
5V
C
10
0.1µF
10k
2N2222
LIN EN
LIN OUTPUT
H
Disabled
L
Enabled
TABLE 7 - Linear Enable (LIN EN) Function Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com