Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LXM1612-05-03 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LXM1612-05-03
Description  5V Highly-Integrated, Digital Dimming CCFL Inverter Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1612-05-03 Datasheet(HTML) 4 Page - Microsemi Corporation

  LXM1612-05-03 Datasheet HTML 1Page - Microsemi Corporation LXM1612-05-03 Datasheet HTML 2Page - Microsemi Corporation LXM1612-05-03 Datasheet HTML 3Page - Microsemi Corporation LXM1612-05-03 Datasheet HTML 4Page - Microsemi Corporation LXM1612-05-03 Datasheet HTML 5Page - Microsemi Corporation LXM1612-05-03 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PRELIMINARY DATASHEET
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.5e, 2000-12-06
LXM1612-05-xx
5V Highly-Integrated, Digital Dimming CCFL Inverter Module
A
M I CROS E M I
COM P A N Y



 


 
   Burst Mode Operation
  – 50% Burst Duty Cycle
  – 2% Burst Duty Cycle
Rather than using the traditional dimming technique of varying
lamp current magnitude to adjust light output, RangeMAX
inverters use a fixed lamp current value with a duty cycle control
method.
The lamp current burst width can be modulated from 100%
(continuous lamp current) down to a 2% duty cycle, allowing the
lamp to be dimmed to less than 1% of its full brightness.
As can be seen in Trace 4 of Figure 3 photo at right, careful
design consideration was given to controlling lamp start voltage
to softly start current flow. This eliminates current overshoot that
can result in premature cathode wear and reduce lamp life.
  – 2% Burst Duty Cycle (Expanded Time Base)
Ram p Gen
Transform er
Driver
0.25 -
2.5V
DC
+
-
V
LO
V
HI
Comparator
Ramp
V
BRIT E
V
SYN C
High V oltage
Transform er
I
SENSE
V
SENSE
  – RangeMAX Block Diagram



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com