Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QS7785CF Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # QS7785CF
Description  3D 2/4-Channel Stereo Surround Synthesizer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785CF Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button QS7785CF Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785CF Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—6
AC Characteristics
VCC = 9V, VDD = 5V, GND = 0V, Ta = 25°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Bypass-mode maximum input voltage
VB
BYP = SUR = HIGH, MONO = SP = LOW,
LIN = RIN, f = 1kHz
1.7
2.3
–
VRMS
Qsurround enhanced-mode
maximum input voltage
VQ+
BYP = MONO = SUR = LOW, SP = HIGH,
LIN = RIN, f = 1kHz
1.8
2.4
–
VRMS
Qsurround-mode maximum input
voltage (surround speakers on)
VQS
BYP = MONO = SP = LOW, SUR = HIGH,
LIN = RIN, f = 1kHz
1.3
1.7
–
VRMS
Mono/stereo conversion enhanced
mode maximum input voltage
VM+
BYP = SUR = LOW, MONO = SP = HIGH,
LIN = RIN, f = 1kHz
0.8
1.0
–
VRMS
Mono/stereo conversion mode
maximum input voltage (surround
speakers on)
VMS
BYP = SP = LOW, MONO = SUR = HIGH,
LIN = RIN, f = 1kHz
0.8
1.0
–
VRMS
Bypass gain
GBYP1
BYP = HIGH, MONO = SUR = SP = LOW,
LIN to FLOUT, RIN to FROUT, f = 1kHz
−20
2dB
Bypass gain (surround speakers on)
GBYP2
BYP = SUR = HIGH, MONO = SP = LOW,
LIN to SLOUT, RIN to SROUT, f = 1kHz
−20
2dB
Qsurround mode gain
GQ
BYP = MONO = SUR = SP = LOW, LIN to
FLOUT, RIN to FROUT, f = 1kHz
3.9
5.9
7.9
dB
Qsurround mode crosstalk gain
GQX
BYP = MONO = SUR = SP = LOW, LIN to
FROUT, RIN to FLOUT, f = 1kHz
−1.5
0.5
2.5
dB
Qsurround mode gain (surround)
GQS
BYP = MONO = SP = LOW, SUR = HIGH,
LIN to SLOUT, RIN to SROUT, f = 1kHz
−2.3
−0.3
1.7
dB
Qsurround mode crosstalk gain
(surround)
GQXS
BYP = MONO = SP = LOW, SUR = HIGH,
LIN to SROUT, RIN to SLOUT, f = 1kHz
−1.9
0.1
2.1
dB
Qsurround enhanced mode gain
GQ+
BYP = MONO = SUR = LOW, SP = HIGH,
LIN to FLOUT, RIN to FROUT, f = 1kHz
4.7
6.7
8.7
dB
Qsurround enhanced mode crosstalk
gain
GQX+
BYP = MONO = SUR = LOW, SP = HIGH,
LIN to FROUT, RIN to FLOUT, f = 1kHz
1.3
3.3
5.3
dB
Mono/stereo conversion mode left-
channel gain
GML
BYP = SUR = SP = LOW, MONO = HIGH,
LIN = RIN, FLOUT, f = 1kHz
2.6
4.6
6.6
dB
Mono/stereo conversion mode right-
channel gain
GMR
BYP = SUR = SP = LOW, MONO = HIGH,
LIN = RIN, FROUT, f = 1kHz
3.6
5.6
7.6
dB
Mono/stereo conversion enhanced
mode left-channel gain
GML+
BYP = SUR = LOW, MONO = SP = HIGH,
LIN = RIN, FLOUT, f = 1kHz
2.4
4.4
6.4
dB
Mono/stereo conversion enhanced
mode right-channel gain
GMR+
BYP = SUR = LOW, MONO = SP = HIGH,
LIN = RIN, FROUT, f = 1kHz
3.3
5.3
7.3
dB
Mono/stereo conversion mode
surround left-channel gain
GMSL
BYP = SP = LOW, MONO = SUR = HIGH,
LIN = RIN, SLOUT, f = 1kHz
−3.8
−1.8
0.2
dB
Mono/stereo conversion mode
surround right-channel gain
GMSR
BYP = SP = LOW, MONO = SUR = HIGH,
LIN = RIN, SROUT, f = 1kHz
−1.6
0.4
2.4
dB
SCL clock pulse period
t0
QS7785PF
100
–
–
ns
SCL clock HIGH-level pulsewidth
t1
QS7785PF
40
–
–
ns
SCL clock LOW-level pulsewidth
t2
QS7785PF
40
–
–
ns
SDA setup time
t3
QS7785PF
15
–
–
ns
SDA hold time
t4
QS7785PF
30
–
–
ns
STRB setup time
t5
QS7785PF
50
–
–
ns
STRB pulsewidth
t6
QS7785PF
100
–
–
ns
STRB hold time
t7
QS7785PF
50
–
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com