Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LXM1621-01 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1621-01
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1621-01 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1621-01 Datasheet HTML 1Page - Microsemi Corporation LXM1621-01 Datasheet HTML 2Page - Microsemi Corporation LXM1621-01 Datasheet HTML 3Page - Microsemi Corporation LXM1621-01 Datasheet HTML 4Page - Microsemi Corporation LXM1621-01 Datasheet HTML 5Page - Microsemi Corporation LXM1621-01 Datasheet HTML 6Page - Microsemi Corporation LXM1621-01 Datasheet HTML 7Page - Microsemi Corporation LXM1621-01 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-xx
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 2000
Rev. 0.6 2/00
P RELIMINAR Y D AT A S HEET
P A TENT P ENDING
RangeMAX
TM
ELECTRICAL CHARACTERISTICS
( Continued)
Parameter
Symbol
Test Conditions
Units
LXM1621-xx
Min.
Typ.
Max.
Power Characteristics
Sleep Current
I
IN (MIN)
V
IN = 12VDC , SLEEP ≤ 0.8V
550
µA
DC
Note 4. The module will be functional with pulse widths much larger than 250µs.
V
SYNC Characteristics
Logic High Level
V
SYNC (HI)
Logic Low Level
V
SYNC (LO)
Input Impedance
Z
IN
Pulse Width (Note 4)
t
PW
Input Frequency
f
SYNC
4.0
6.5
V
DC
-0.3
1.0
V
DC
60
66
75
k
Ω
25
250
µs
49
150
Hz
FUNCTIONAL PIN DESCRIPTION
Conn.
Pin
Description
Input Power Supply. (8V
≤ V
IN ≤ 18V)
Power Supply Return.
ON/OFF Control. (2.2V < SLEEP < V
IN = ON, -0.3V < SLEEP < 0.8V = OFF)
Brightness Control (-0.3V to 2.5V
DC).
2.5V
DC gives maximum lamp current.
Vertical syncronization input. 49Hz < f
SYNC < 150Hz
CN1-1
V
IN
CN1-2
CN1-3
GND
CN1-4
CN1-5
SLEEP
CN1-6
BRITE
CN1-7, 8
V
SYNC
CN1
CN2 thru CN5: Refer to Figure 2
PHYSICAL DIMENSIONS
4.88 (124)
1.26
(32)
0.060 (1.52) max.
0.338 (8.6) Max.
Warning!!
High Voltage Present
At All Output
Connectors
0.24 (6)
Ø 0.12 (3.0)
Grounded Mounting Hole - 2 plcs
1.50 (38)
1.89 (48)
CN2
(Bottom Side)
CN3
(Bottom Side)
CN1
LXM1621-xx
All dimensions are in inches (mm)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com