Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX1622-12-01 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LMX1622-12-01
Description  DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LMX1622-12-01 Datasheet(HTML) 4 Page - Microsemi Corporation

  LMX1622-12-01 Datasheet HTML 1Page - Microsemi Corporation LMX1622-12-01 Datasheet HTML 2Page - Microsemi Corporation LMX1622-12-01 Datasheet HTML 3Page - Microsemi Corporation LMX1622-12-01 Datasheet HTML 4Page - Microsemi Corporation LMX1622-12-01 Datasheet HTML 5Page - Microsemi Corporation LMX1622-12-01 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.3,2001-01-18
RangeMAX
™
LXM1622-12-xx
DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
PRELIMINARY DATA SHEET
A
M I CROSEM I
COM P A N Y

   
    

LAMP VOLTAGE & LAMP CURRENT – BURST MODE OPERATION
 !"  – 50% Burst Duty Cycle
 !" # – 5% Burst Duty Cycle
Rather than using the traditional dimming technique of
varying
lamp
current
magnitude
to
adjust
light
output,
RangeMAX inverters use a fixed lamp current value with a duty
cycle control method.
The lamp current burst width can be modulated from 100%
(continuous lamp current) down to a 5% duty cycle, allowing the
lamp to be dimmed to less than 3% of its full brightness.
As can be seen in Trace 4 of Figure 3 photo at right, careful
design consideration was given to controlling lamp start voltage
to softly start current flow. This eliminates current overshoot
that can result in premature cathode wear and reduce lamp life.
 !" $ – 5% Burst Duty Cycle (Expanded Time Base)
R a m p G en.
T ransfo rm er
Driv e r
H igh V o lta g e
T ransfo rm er
C o m p a rator
Ra m p
+
-
I
SE N S E
V
SE N S E
V
BR IT E
0.25 -
2.2V
DC
V
SYN C
V
LO
V
HI
V
LO
V
HI
Figure 4 – RangeMAX Simplified Block Diagram
HIGHLIGHTS
• Integrated brightness control circuit includes a DC
voltage to pulse width converter that minimizes system
design work and system noise susceptibility.
This
provides a familiar and convenient interface while
reducing the potential for externally induced noise,
which can cause lamp flicker.
• RangeMAX inverter modules are designed to operate
with the burst frequency synchronized to the video frame
rate.
This provides operation with no visible display
disturbances caused by beat frequencies between the
lamps and video frame rates. In this synchronous mode,
the inverter burst rate operates at twice the video refresh
rate, well beyond standard 50/60Hz video refresh rates
where the eye can perceive pulsing light.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com