Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS1077 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS1077
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1077 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS1077 Datasheet HTML 1Page - Microsemi Corporation MS1077 Datasheet HTML 2Page - Microsemi Corporation MS1077 Datasheet HTML 3Page - Microsemi Corporation MS1077 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 1
Copyright
 2000
MSC1610.PDF 2000-11-06
MS1077
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S DI VI SI ON
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
DESCRIP T ION
The MS1077 is a Class AB epitaxial silicon NPN planar transistor
designed primarily for SSB communications. This device utilizes
emitter ballasting to achieve extreme ruggedness under severe
operating conditions.
IMPORTANT: For the most current data, consult MICROSEMI’s website:
http://www.microsemi.com
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
KEY FEATURE S
!"Optimized for SSB
!"30 MHz
!"28 Volts
!"IMD –30dB
!"Common Emitter
!"Gold Metallization
!"
POUT = 130 W PEP
!"
GP = 12 dB Gain
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFIT
APPLICATIONS/BENEFITS
SS
S
!"HF SSB Applications
ABSOLUTE MAXIMUM RATINGS (T
CASE
= 25°°°°C)
Symbol
Parameter
Value
Unit
V
CBO
Collector-Base Voltage
70
V
V
CEO
Collector-Emitter Voltage
35
V
V
EBO
Emitter-Base Voltage
4.0
V
I
C
Device Current
12
A
P
DISS
Power Dissipation
175
W
T
J
Junction Temperature
+200
°C
T
STG
Storage Temperature
-65 to +150
°C
THERMAL DATA
R
TH(j-c)
Junction-Case Thermal Resistance
1.0
°C/W


Similar Part No. - MS1077

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1076 ADPOW-MS1076 Datasheet
90Kb / 3P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
logo
Microsemi Corporation
MS1076 MICROSEMI-MS1076 Datasheet
92Kb / 6P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
MS1078 MICROSEMI-MS1078 Datasheet
102Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS1079 ADPOW-MS1079 Datasheet
263Kb / 4P
RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
More results

Similar Description - MS1077

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1510 MICROSEMI-MS1510 Datasheet
486Kb / 5P
RF & MICROWAVE TRANSISTORS
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1014-02 MICROSEMI-SD1014-02 Datasheet
193Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1143 MICROSEMI-SD1143 Datasheet
173Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1144 MICROSEMI-SD1144 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1224 MICROSEMI-SD1224 Datasheet
94Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS652 ADPOW-MS652 Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
logo
New Jersey Semi-Conduct...
SD1541-01 NJSEMI-SD1541-01 Datasheet
188Kb / 3P
RF & MICROWAVE TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com