Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS1078 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MS1078
Description  RF & MICROWAVE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1078 Datasheet(HTML) 2 Page - Microsemi Corporation

  MS1078 Datasheet HTML 1Page - Microsemi Corporation MS1078 Datasheet HTML 2Page - Microsemi Corporation MS1078 Datasheet HTML 3Page - Microsemi Corporation MS1078 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Microsemi
RF Products Division
140 Commerce Drive, Montgomeryville PA 18936, (215) 631-9840, Fax: (215) 631-9855
Page 2
Copyright
 2000
MSC1611.PDF 2000-11-06
MS1078
RF & MICROWAVE TRANSISTORS
PRODUCT PREVIEW
R F P R O D UCT S DI VI SI ON
STATIC ELECTRICAL SPECIFICATIONS (TCASE = 25°C
MS1078
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BV
CES
I
C = 50 mA
V
BE = 0 V
110
V
BV
CEO
I
C = 100 mA
I
B = 0 mA
55
V
BV
EBO
I
E = 20 mA
I
C = 0 mA
4.0
V
I
CES
V
CE =35 V
I
E = 0 mA
20
mA
h
FE
V
CE = 5 V
I
C = 7 A
18
50
DYMANIC ELECTRICAL SPECIFICATIONS (TCASE = 25°C
MS1078
Symbol
Test Conditions
Min.
Typ.
Max.
Units
P
OUT
f = 30 MHz
V
CE = 28 V
I
CQ = 150 mA
130
W
G
P
P
OUT = 130 W PEP VCE = 28 V
I
CQ = 150 mA
12
dB
IMD *
P
OUT = 130 W PEP VCE = 28 V
I
CQ = 150 mA
-30
dBc
η
C
P
OUT = 130 W PEP VCE = 28 V
I
CQ = 150 mA
37
%
C
OB
f = 1 MHz
V
CB = 28 V
250
pF
Note:
* f1 = 30.00 MHz, f2 = 30.01 MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com