Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MS1578 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MS1578
Description  RF & MICROWAVE TRANSISTORS 800-960MHz CELLULAR BASE STATION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MS1578 Datasheet(HTML) 1 Page - Microsemi Corporation

  MS1578 Datasheet HTML 1Page - Microsemi Corporation MS1578 Datasheet HTML 2Page - Microsemi Corporation MS1578 Datasheet HTML 3Page - Microsemi Corporation MS1578 Datasheet HTML 4Page - Microsemi Corporation MS1578 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSC0890.PDF
MS1578
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°°C)
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage
28
V
VCBO
Collector-Base Voltage
65
V
VEBO
Emitter-Base Voltage
3.5
V
IC
Device Current
25
A
PDISS
Power Dissipation
300
W
TJ
Junction Temperature
+200
°°C
TSTG
Storage Temperature
- 65 to + 150
°°C
Thermal Data
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
0.60
°°C/W
Features
Features
•
GOLD METALLIZATION
•• DESIGNED FOR LINEAR OPERATION HIGH SATURATED
POWER CAPABILITY
•• POUT = 150 W PEP
•• INTERNAL INPUT/OUTPUT MATCHING
•• COMMON EMITTER CONFIGURATION
•• 8.0dB GAIN @ 900 MHz
•• MAX IMD -28dBc @ 150 W PEP
•• 5:1 VSWR CAPABILITY @ RATED CONDITIONS
•• 3 dB OVERDRIVE CAPABILITY
DESCRIPTION:
DESCRIPTION:
THE MS1578 IS A GOLD METALLIZED, EPITAXIAL SILICON, NPN
PLANAR TRANSISTOR DESIGNED FOR HIGH LINEARITY CLASS AB
OPERATION. DIFFUSED EMITTER BALLAST RESISTORS PROVIDE
MAXIMUM RUGGEDNESS AND RELIABILITY FOR 900 MHz
CELLULAR BASE STATION APPLICATIONS.
RF & MICROWAVE TRANSISTORS
800-960MHz CELLULAR BASE STATION
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - MS1578

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MS1576 ADPOW-MS1576 Datasheet
298Kb / 4P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
MS1579 ADPOW-MS1579 Datasheet
172Kb / 5P
RF & MICROWAVE TRANSISTORS TV LINEAR APPLICATIONS
More results

Similar Description - MS1578

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD1420 STMICROELECTRONICS-SD1420 Datasheet
50Kb / 3P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
06-Sep-1994
SD1423 STMICROELECTRONICS-SD1423 Datasheet
54Kb / 4P
RF & MICROWAVE TRANSISTORS 800-960MHz BASE STATION APPLICATIONS
22-Aug-1996
SD1424 STMICROELECTRONICS-SD1424 Datasheet
49Kb / 5P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
07-Oct-1993
SD1650 STMICROELECTRONICS-SD1650 Datasheet
60Kb / 5P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Aug-1992
SD4590 STMICROELECTRONICS-SD4590 Datasheet
114Kb / 8P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
Mar-2000
SD4600 STMICROELECTRONICS-SD4600 Datasheet
65Kb / 4P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
Nov-1992
SD4701 STMICROELECTRONICS-SD4701 Datasheet
148Kb / 6P
RF & MICROWAVE TRANSISTORS CELLULAR BASE STATION APPLICATIONS
May-1993
logo
Advanced Power Technolo...
MS1451 ADPOW-MS1451 Datasheet
96Kb / 3P
RF & MICROWAVE TRANSISTORS 800-960 MHz BASE STATION APPLICATIONS
MS1452 ADPOW-MS1452 Datasheet
141Kb / 4P
RF & MICROWAVE TRANSISTORS 800-900 MHz BASE STATION APPLICATIONS
logo
New Jersey Semi-Conduct...
SD4590 NJSEMI-SD4590 Datasheet
122Kb / 3P
RF POWER TRANSISTORS 800-960 MHz CELLULAR BASE STATION
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com