Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SD1127 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # SD1127
Description  RF & MICROWAVE TRANSISTORS VHF COMMUNICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SD1127 Datasheet(HTML) 1 Page - Microsemi Corporation

  SD1127 Datasheet HTML 1Page - Microsemi Corporation SD1127 Datasheet HTML 2Page - Microsemi Corporation SD1127 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC0936.PDF 10-15-98
SD1127
DESCRIPTION:
DESCRIPTION:
THE SD1127 IS A 12.5 VOLT SILICON NPN PLANAR TRANSISTOR DESIGNED FOR
ECONOMICAL VHF COMMUNICATIONS. THE TRANSISTOR CHIP IS MOUNTED ON A
BERYLLIUM OXIDE TAB TO ISOLATE THE COLLECTOR LEAD ALLOWING A GROUNDED
EMITTER CONFIGURATION FOR HIGH GAIN AND EXCELLENT HEAT DISSIPATION.
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS (Tcase = 25ºC)
Symbol
Parameter
Value
Unit
PDISS
Total Power Dissipation *
8.0
W
VCBO
Collector-base Voltage
36
V
VCEO
Collector-emitter Voltage (IB=0)
18
V
IC
Collector Current *
0.64
A
TSTG
Storage Temperature
-65 to 200
ºC
TJ
Junction Temperature
200
ºC
*At RF Conditions
Thermal Data
Thermal Data
RTH(J-C)
)
Thermal Resistance Junction-case
21.9
°°C/W
Features
•• DESIGNED FOR VHF MILITARY AND COMMERCIAL
EQUIPMENT
•• 4.0 WATTS (MIN) WITH GREATER THAN 10 dB GAIN
•• GROUNDED EMITTER CONFIGURATION
RF & MICROWAVE TRANSISTORS
VHF COMMUNICATIONS
140 COMMERCE DRIVE
MONTGOMERYVILLE, PA
18936-1013
PHONE: (215) 631-9840
FAX: (215) 631-9855


Similar Part No. - SD1127

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
SD1127 ADPOW-SD1127 Datasheet
72Kb / 3P
RF & MICROWAVE TRANSISTORS VHF FM MOBILE APPLICATIONS
logo
Advanced Semiconductor
SD1127 ASI-SD1127 Datasheet
42Kb / 1P
SILICON NPN RF POWER TRANSISTOR
REV. B
logo
New Jersey Semi-Conduct...
SD1127 NJSEMI-SD1127 Datasheet
87Kb / 3P
RF & MICROWAVE TRANSISTORS VHP FM MOBILE APPLICATIONS
More results

Similar Description - SD1127

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM1517-012 STMICROELECTRONICS-AM1517-012 Datasheet
87Kb / 6P
SATELLITE COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
AM80610-030 STMICROELECTRONICS-AM80610-030 Datasheet
44Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
rev. A
AM81720-012 STMICROELECTRONICS-AM81720-012 Datasheet
85Kb / 4P
COMMUNICATIONS APPLICATIONS RF & MICROWAVE TRANSISTORS
Sep-1992
SD1480 STMICROELECTRONICS-SD1480 Datasheet
78Kb / 6P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
20-Jun-1994
SD1894 STMICROELECTRONICS-SD1894 Datasheet
45Kb / 4P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
04-Feb-1997
SD1899 STMICROELECTRONICS-SD1899 Datasheet
59Kb / 5P
RF & MICROWAVE TRANSISTORS SATELLITE COMMUNICATIONS APPLICATIONS
06-Jan-1997
SD4013 STMICROELECTRONICS-SD4013 Datasheet
50Kb / 5P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS1409 ADPOW-MS1409 Datasheet
237Kb / 3P
RF & MICROWAVE TRANSISTOR VHF COMMUNICATIONS
SD4012 ADPOW-SD4012 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS UHF COMMUNICATIONS APPLICATIONS
SD1013-03 ADPOW-SD1013-03 Datasheet
113Kb / 3P
RF & MICROWAVE TRANSISTORS VHF APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com